| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1602A bảng dữ liệu(PDF) 63 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602A bảng dữ liệu(HTML) 63 Page - SONiX Technology Company |
|
63 / 76 page ![]() SN8P1602B 8-Bit Micro-Controller SONiX TECHNOLOGY CO., LTD Page 63 Version 1.1 1 1 11 1 1CODING ISSUE TEMPLATE CODE ;******************************************************************************* ; FILENAME : TEMPLATE.ASM ; AUTHOR : SONiX ; PURPOSE : Template Code for SN8X16XX ; REVISION : 09/01/2002 V1.0 First issue ;******************************************************************************* ;* (c) Copyright 2002, SONiX TECHNOLOGY CO., LTD. ;******************************************************************************* CHIP SN8P1602B ; Select the CHIP ;------------------------------------------------------------------------------- ; Include Files ;------------------------------------------------------------------------------- .nolist ; do not list the macro file INCLUDESTD MACRO1.H INCLUDESTD MACRO2.H INCLUDESTD MACRO3.H .list ; Enable the listing function ;------------------------------------------------------------------------------- ; Constants Definition ;------------------------------------------------------------------------------- ; ONE EQU 1 ;------------------------------------------------------------------------------- ; Variables Definition ;------------------------------------------------------------------------------- .DATA org 0h ;Data section start from RAM address 0 Wk00 DS 1 ;Temporary buffer for main loop Iwk00 DS 1 ;Temporary buffer for ISR AccBuf DS 1 ;Accumulator buffer PflagBuf DS 1 ;PFLAG buffer ;------------------------------------------------------------------------------- ; Bit Variables Definition ;------------------------------------------------------------------------------- Wk00B0 EQU Wk00.0 ;Bit 0 of Wk00 Iwk00B1 EQU Iwk00.1 ;Bit 1 of Iwk00 |