| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1602A bảng dữ liệu(PDF) 24 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602A bảng dữ liệu(HTML) 24 Page - SONiX Technology Company |
|
24 / 76 page ![]() SN8P1602B 8-Bit Micro-Controller SONiX TECHNOLOGY CO., LTD Page 24 Version 1.1 R REGISTERS R register is an 8-bit buffer. There are two major functions of the register. can be used as working register for store high-byte data of look-up table (MOVC instruction executed, the high-byte data of specified ROM address will be stored in R register and the low-byte data will be stored in ACC). 082H Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 R RBIT7 RBIT6 RBIT5 RBIT4 RBIT3 RBIT2 RBIT1 RBIT0 Read/Write R/W R/W R/W R/W R/W R/W R/W R/W After reset 0 0 0 0 0 0 0 0 Note: Please refer to the “LOOK-UP TABLE DESCRIPTION” about R register look-up table application. |