| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8P1602A bảng dữ liệu(PDF) 41 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602A bảng dữ liệu(HTML) 41 Page - SONiX Technology Company |
|
41 / 76 page ![]() SN8P1602B 8-Bit Micro-Controller SONiX TECHNOLOGY CO., LTD Page 41 Version 1.1 SYSTEM OSCILLATOR CIRCUITS MCU XIN VDD XOUT VSS CRYSTAL 20PF 20PF Crystal/Ceramic Oscillator MCU XIN VDD VSS XOUT C R RC Oscillator XIN VDD MCU VSS XOUT External Clock Input External clock input Note1: The external oscillator circuit must be directly from Vss pin of micro-controller. Note2: The input source of XIN pin received from external oscillator circuit, the code option can be either be RC type oscillator or crystal type oscillator. Note3: In RC type oscillator code option situation, the external clock frequency is automatically divided by 2. |