| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW63-2G bảng dữ liệu(PDF) 27 Page - Aavid, Thermal Division of Boyd Corporation |
|
|
|||||||||||||||||||||||||||||
SW63-2G bảng dữ liệu(HTML) 27 Page - Aavid, Thermal Division of Boyd Corporation |
|
27 / 116 page ![]() 27 EUROPE ASIA Italy Tel: +39 051 764011 email: sales.it@aavid.com United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw AMERICA USA Tel: +1 (603) 224-9988 email: info@aavid.com www.aavidthermalloy.com ORDERING INFORMATION 7025 Channel style heat sink with folded back fins Channel style heat sink with folded back fins for increased cooling surface area. Available with tin plated solder- able tabs for easy attachment to the printed circuit card. 24.13 (0.950) 26.67 (1.050) 48.26 (1.900) 28.03 (1.104) 2.02 (0.080) 28.70 (1.130) 23.62 (0.930) 3.81 (0.150) THRU 14.48 (0.570) 5.08 (0.200) 2.54 (0.100) 4.45 (0.175) 19.05 (0.750) 3.18 (0.125) 2.29 (0.090) ø TAB Part Number Description 7025BG Channel heat sink with no solderable tabs 7025B-MTG With solderable mounting tabs 2.90 ( 0.114) Air Velocity—Feet Per Minute Heat Dissipated—Watts 5 0 20 40 60 80 100 02 4 6 8 10 4 3 1 2 0 0 400 200 600 800 1000 ORDERING INFORMATION 25.40 (1.000) 14.48 (0.570) 3.81 (0.150) THRU 38.23 (1.505) 39.37 (1.550) 2.28 (0.090) 5.08 (0.200) 2.03 (0.080) 9.52 (0.375) 4.83 (0.190) 3.18 (0.125) 11.94 (0.470) ø TAB Part Number Description Finish 7019BG Channel heat sink with no solderable tabs Black anodize 7019PBG Channel heat sink with no solderable tabs Pre black anodize* 7019B-MTG With solderable tabs Black anodize 2.90 ( 0.114) Air Velocity—Feet Per Minute Heat Dissipated—Watts 10 0 20 40 60 80 100 02 4 6 8 10 8 6 2 4 0 0 400 200 600 800 1000 Narrow channel style heat sink with folded back fins for increased cooling surface area. Available with tin plated solderable tabs for easy attachment to the printed circuit card. 7019 Narrow channel style heat sink with folded back fins 7020 Narrow channel style heat sink with folded back fins Narrow channel style heat sink with folded back fins for increased cooling surface area. Available with tin plated solderable tabs for easy attachment to the printed circuit card. (0.700) 17.78 (0.470) 11.94 (1.450) 36.83 (1.300) 33.02 (0.570) 14.48 (0.310) 7.87 (1.255) 31.88 (0.240) 6.10 2x (0.150) 3.81 (0.190) 4.83 (0.125) 3.18 (0.080) 2.02 CL ø "x" TAB Air Velocity—Feet Per Minute Heat Dissipated—Watts 10 0 20 40 60 80 100 02 4 6 8 10 8 6 2 4 0 0 400 200 600 800 1000 Part Number Description 7020BG Narrow channel heat sink with no solderable tabs 7020B-MTG With solderable tabs 2.90 (0.114) ORDERING INFORMATION Material: 1.27 (0.050) Thick Aluminum Finish: Black Anodize Material: 1.02 (0.040) Thick Aluminum Finish: See Table Material: 1.27 (0.050) Thick Aluminum Finish: Black Anodize Dia of PCB Plated Thru Hole for Tabs TO-220 Heat Sinks Position Code Description Location Details A TC10-MT Insulating device mounting clip Hole X Page 93, 98 and solderable tabs Dia of PCB Plated Thru Hole for Tabs Dia of PCB Plated Thru Hole for Tabs *Edges cut during the manufacturing process will be unfinished. See page 110 for more information POPULAR OPTIONS: Base part no. A 7020B- G For additional options see page 85 For additional options see page 85 For additional options see page 85 Grease Epoxy & page112 Mounting Kits page 99 Grease Epoxy & page112 Mounting Kits page 99 Grease Epoxy & page112 Mounting Kits page 99 |