| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW63-2G bảng dữ liệu(PDF) 98 Page - Aavid, Thermal Division of Boyd Corporation |
|
|
|||||||||||||||||||||||||||||
SW63-2G bảng dữ liệu(HTML) 98 Page - Aavid, Thermal Division of Boyd Corporation |
|
98 / 116 page ![]() 98 EUROPE ASIA Italy Tel: +39 051 764011 email: sales.it@aavid.com United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw AMERICA USA Tel: +1 (603) 224-9988 email: info@aavid.com www.aavidthermalloy.com Clips Thermal Clips Factory-Installed ONLY thermal clips, available on many standard heat sinks (shown below) eliminate the use of screws and nuts in assembling the heat sink and transistor. Plastic case transistors slip into place for easy assembly. Thermal clips are available in a variety of configurations. Locking clips have an internal tab to lock the transistor permanently in place. Suffix Ordering code Transistor case style Clip/Cover features TC1 32 TO-220 Locking TC6 36 TO-218, TO-220, Multiwatt Locking TC7 N/A TO-218, TO-220, Multiwatt Insulated TC10 33 TO-220, TO-218 Locking TC11 34 TO-220 Insulated TC12 35 TO-218, TO-220 Locking (1.138) 28.91 (0.700) 17.78 (0.400) 10.16 (0.500) 12.70 (0.750) 19.05 (0.207) 5.26 6.35 (0.250) 10.16 (0.400) 11.81 (0.465) 28.91 (1.138) 10.16 (0.400) 6.35 (0.250) 12.70 (0.500) 19.05 (0.750) 28.91 (1.138) 10.16 (0.400) 6.35 (0.250) 12.70 (0.500) 28.90 (1.138) 6.98 (0.275) (0.155) 3.94 (0.465) 11.82 (0.700) 17.78 (0.202) 5.13 (1.138) 28.90 (0.400) 10.16 17.78 (0.700) 6.35 (0.250) 11.82 (0.465) 19.90 (0.783) 28.88 (1.137) TC-1 Code 32 TC-6 Code 36 TC-7 Code N/A TC-10 Code 33 TC-11 Code 34 TC-12 Code 35 7023B– G B ORDERING INFORMATION example 12 digit part 530600B000 _ _ G Ordering code example Thermalloy origin part A A = Model number B = Clip suffix C = RoHS compliant C |