| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW63-2G bảng dữ liệu(PDF) 72 Page - Aavid, Thermal Division of Boyd Corporation |
|
|
|||||||||||||||||||||||||||||
SW63-2G bảng dữ liệu(HTML) 72 Page - Aavid, Thermal Division of Boyd Corporation |
|
72 / 116 page ![]() 72 EUROPE ASIA Italy Tel: +39 051 764011 email: sales.it@aavid.com United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw AMERICA USA Tel: +1 (603) 224-9988 email: info@aavid.com www.aavidthermalloy.com TO-3 Heat Sinks ORDERING INFORMATION 5001, 5002, 5003, 5004 Square basket heat sink featuring slanted fins Square basket heat sink featuring a slanted fin design for increased air turbulence and four integrated mounting holes. Four heights to choose from. Air Velocity—Feet Per Minute Heat Dissipated—Watts 5 0 20 40 60 80 100 04 8 12 16 20 4 3 1 2 0 0 400 200 600 800 1000 500203 500103 Part Number “A” Dim 500103B00000G 12.70 (0.500) 500203B00000G 19.05 (0.750) 500303B00000G 25.40 (1.000) 500403B00000G 31.75 (1.250) Air Velocity—Feet Per Minute Heat Dissipated—Watts 5 0 20 40 60 80 100 04 8 12 16 20 4 3 1 2 0 0 400 200 600 800 1000 500403 500303 Air Velocity—Feet Per Minute Heat Dissipated—Watts 5 0 20 40 60 80 100 02 4 6 8 10 4 3 1 2 0 0 400 200 600 800 1000 505303 505403 505103 Square basket heat sink features straight fins and 0.090 thick aluminum for increased cooling capacity. Three heights to choose from. 5051, 5053, 5054 Square basket heat sink featuring straight fins Material: 2.29 (0.090) Thick Aluminum Finish: Black Anodize Material: 2.29 (0.090) Thick Aluminum Finish: Black Anodize Position Code Description Details A 1 Kon-DuxTM pad Page 86 A 3 In-Sil-8TM pad Page 86 POPULAR OPTIONS: Base part no. 500_03B 0 0000G For additional options see page 84 ORDERING INFORMATION Part Number “A” Dim 505103B00000G 12.70 (0.500) 505303B00000G 25.40 (1.000) 505403B00000G 31.75 (1.250) Position Code Description Location Details A 01 6-23 Wave-OnTM threaded insert 0.100 stand off Hole X Page 89 For additional options see page 84 TYP 2 (0.218) 5.54 (0.072) 1.83 (1.187) 30.15 (0.215) 5.46 (0.593) 15.06 (1.780) 45.21 (0.430) 10.92 TYP 2 (0.188) 4.78 1 CL CL2 ø ø "X" "X" "A" POPULAR OPTIONS: Base part no. A 505_03B0 00 00G A TYP 2 5.54 (0.218) THRU TYP 4 ø 3.81 (0.150) 15.06 (0.593) 10.92 (0.430) 30.15 (1.187) TYP 2 ø 4.78 (0.188) 5.46 (0.215) 1.83 (0.072) 38.10 (1.500) SQ. 45.97 (1.810) CL 1 L 2 C "A" ø Grease Epoxy & page112 Mounting Kits page 99 Grease Epoxy & page112 Mounting Kits page 99 |