| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SW63-2G bảng dữ liệu(PDF) 70 Page - Aavid, Thermal Division of Boyd Corporation |
|
|
|||||||||||||||||||||||||||||
SW63-2G bảng dữ liệu(HTML) 70 Page - Aavid, Thermal Division of Boyd Corporation |
|
70 / 116 page ![]() 70 EUROPE ASIA Italy Tel: +39 051 764011 email: sales.it@aavid.com United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw AMERICA USA Tel: +1 (603) 224-9988 email: info@aavid.com www.aavidthermalloy.com ORDERING INFORMATION 5756, 5757, 5758, 5759 Space saver diamond shaped basket heat sink Space saver diamond shaped basket heat sink featuring a narrow base with slanted fins to increase air turbulence in natural and forced convection applications. Made from heavy gauge material. Four heights to choose from. Air Velocity—Feet Per Minute Heat Dissipated—Watts 10 0 20 40 60 80 100 02 4 6 8 10 8 6 2 4 0 0 400 200 600 800 1000 575603 575703 Part Number “A” Dim 575603B00000G 12.70 (0.500) 575703B00000G 19.05 (0.750) 575803B00000G 25.40 (1.000) 575903B00000G 31.75 (1.250) (1.630) 41.40 (1.290) 32.77 TYP 2 (0.218) 5.54 TYP 2 (0.188) 4.78 (1.187) 30.15 (0.594) 15.07 (0.072) 1.83 (0.430) 10.92 (0.215) 5.46 1 2 "X" "X" CL CL ø "A" Air Velocity—Feet Per Minute Heat Dissipated—Watts 10 0 20 40 60 80 100 02 4 6 8 10 8 6 2 4 0 0 400 200 600 800 1000 501303 501403 Air Velocity—Feet Per Minute Heat Dissipated—Watts 10 0 20 40 60 80 100 02 4 6 8 10 8 6 2 4 0 0 400 200 600 800 1000 501503 501603 Low cost diamond shaped basket heat sink with straight fins. High fin count enhances efficiency. Four heights to choose from. 5013, 5014, 5015, 5016 Low cost diamond shaped basket heat sink Material: 2.29 (0.090) Thick Aluminum Finish: Black Anodize Material: 1.60 (0.063) Thick Aluminum Finish: Black Anodize TO-3 Heat Sinks Position Code Description Location Details A 1 Kon-DuxTM pad Page 86 A 3 In-Sil-8TM pad Page 86 B 01 6-23 Wave-OnTM threaded insert Hole X Page 89 0.100 stand off POPULAR OPTIONS: Base part no. A 575_03B 0 00 00G For additional options see page 84 ORDERING INFORMATION Part Number “A” Dim 501303B00000G 12.70 (0.500) 501403B00000G 19.05 (0.750) 501503B00000G 25.40 (1.000) 501603B00000G 31.75 (1.250) Position Code Description Location Details A 1 Kon-DuxTM pad Page 86 B 01 6-23 Wave-OnTM threaded insert 0.100 stand off Hole X Page 89 C 08 6-32 x 0.350 Solderable stud Hole X Page 96 POPULAR OPTIONS: For additional options see page 84 B Base part no. A 501_03B 0 00 00G B C Air Velocity—Feet Per Minute Heat Dissipated—Watts 5 0 20 40 60 80 100 02 4 6 8 10 4 3 1 2 0 0 400 200 600 800 1000 575803 575903 TYP 2 5.54 (0.218) 10.92 (0.430) 5.46 (2.150) TYP 2 4.75 (0.187) AT BASE 47.75 (1.880) AT BASE 35.56 (1.400) "A" 30.15 (1.187) 15.07 (0.594) 1.83 (0.072) "X" "X" ø ø CL CL Grease Epoxy & page112 Mounting Kits page 99 Grease Epoxy & page112 Mounting Kits page 99 |