công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS38C86AVB bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện DS38C86AVB
Giải thích chi tiết về linh kiện  DS38C86A CMOS BTL 9-Bit Latching Data Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DS38C86AVB bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button DS38C86AVB Datasheet HTML 3Page - Texas Instruments DS38C86AVB Datasheet HTML 4Page - Texas Instruments DS38C86AVB Datasheet HTML 5Page - Texas Instruments DS38C86AVB Datasheet HTML 6Page - Texas Instruments DS38C86AVB Datasheet HTML 7Page - Texas Instruments DS38C86AVB Datasheet HTML 8Page - Texas Instruments DS38C86AVB Datasheet HTML 9Page - Texas Instruments DS38C86AVB Datasheet HTML 10Page - Texas Instruments DS38C86AVB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Pin Description (Continued)
Pin Name
No. of
Pins
Input/Output
Description
T/R
1
I
Transmit/Receive (bar) — transmit (An to Bn), receive (Bn to An)
V
CC
2
NA
Power supply for switching circuits (Note 12)
CD
T/R
LE
RBYP
ACLK
An
Bn
H
XXXX
ZH
L
HXHX
L
H
L
HXHXH
L
L
H
XLX
X
Bn0
LH
X
L
↑
HL
LH
X
L
↑
LH
L
L
HX
XH
L
LL
H
X
X
L
H
L
L
L
X
X
An0
X
X = High or Low Logic state.
Z = High impedance state.
L = Low state.
H = High state.
↑ = Low to High transition.
An0 = No change from previous state.
Bn0 = Np change from previous state.
BTL = High and Low state are nominally 2.1V and 1.2V, respectively.
CMOS = High and Low state are nominally VCC and 0V, respectively.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12