| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS38C86AVB bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DS38C86AVB bảng dữ liệu(HTML) 6 Page - Texas Instruments |
|
6 / 12 page ![]() AC Electrical Characteristics (Note 6) (Continued) T A = 0˚C to +70˚C, VCC =5V ± 10% DRIVER (REN = 0V for all conditions) Symbol Parameter Conditions Min Typ Max Units RECEIVER t PLZ T/R to An Disable Time LE = V CC, Bn = 2.1V, CD = 0V 3.0 6.0 9.0 ns t PZL Enable Time ( Figures 10, 11) 3.0 5.0 9.0 ns t PHZ Disable Time LE = V CC, Bn = 1.1 CD = 0V 3.0 7.3 12.0 ns t PZH Enable Time ( Figures 8, 9) 3.0 5.5 12.0 ns t SKEW LE to An, Same Package (Note 7) 0.6 2.5 ns Bn to An, Same Package (Note 7) 0.7 2.5 ns RECEIVER TIMING REQUIREMENTS ( Figure 7) t S Bn to LE (Set-Up Time) CD = 0V, T/R = 0V 3ns t H LE to Bn (Hold Time) 1 ns t PW LE Pulse Width 5 ns PARAMETERS NOT TESTED C OUTPUT Capacitance at Bn (Note 9) 3 pF t NR Noise Rejection (Note 10) 1 ns Note 1: “Absolute Maximum Ratings” are these beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation. Note 2: All input and/or output pins shall not exceed VCC+0.5V and shall not exceed the absolute maximum rating at any time, including power-up and power-down. This prevents the ESD structure from being damaged due to excessive currents flowing from the input and/or output pins to QVCC and VCC. There is a diode between each input and/or output to VCC which is forward biased when incorrent sequencing is applied. LI and Bn pins do not have power sequencing requirements with respect to VCC and QVCC. Furthermore, the difference between VCC and QVCC should never be greater than 0.5V at any time including power-up. Note 3: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise specified. All typical values are specified under these conditions: VCC = 5V and TA = 25˚C, unless otherwise stated. Note 4: Only one output should be shorted at a time, and duration of the short should not exceed one second. Note 5: Referenced to appropriate signal ground. Do not exceed maximum power dissipation of package. Note 6: Input waveforms shall have a rise and fall time of 3 ns. Note 7: tSKEW is the absolute value defined as the difference seen in propagation delay between drivers (receivers) in the same package with identical load conditions. Note 8: This parameter is tested using TDR techniques described in 1194.0 BTL Backplane Design Guide. Note 9: This parameter is tested during device characterization. The measurements revealed that the part will reject 1 ns pulse width. Note 10: Futurebus+ transceivers are required to limit bus signal rise and fall times to no faster then 0.5 V/ns, measured between 1.3V to 1.8V (approximately 20% to 80% of the nominal voltage swing). The rise and fall times are measured with a transceiver loading equivalent to 12.5 Ω ties to +2.1 VDC. Note 11: Capacitance includes jig and probe capacitance. Note 12: All pins meet 2 kV typical, one device failure observed between An and QVCC in ESD rel sample. Pin Description Pin Name No. of Pins Input/Output Description A0–A8 9 I/O TTL driver input and TRI-STATE receiver output ACLK 1 I Clock input for latch mode B0–B8 9 I/O BTL receiver input and driver output B0 GND–B8 GND 9 NA Driver output ground reduces ground bounce due to high current switching of driver outputs. (Note 11) CD 1 I Chip disable GND 2 NA Ground reference for switching circuits (Note 11) LE 1 I Latch enable LI 1 NA Power supply for live insertion. Boards that require live insertion should connect LI to the live insertion pin on the connector. (Note 12) NC 9 NA No connect QGND 1 NA Ground reference for receiver input bandgap reference and non-switching circuits (Note 12) QV CC 1 NA Power supply for bandgap reference and non-switching circuits (Note 12) RBYP 1 I Register bypass enable www.national.com 5 |