công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS38C86AVB bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện DS38C86AVB
Giải thích chi tiết về linh kiện  DS38C86A CMOS BTL 9-Bit Latching Data Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DS38C86AVB bảng dữ liệu(HTML) 3 Page - Texas Instruments

  DS38C86AVB Datasheet HTML 1Page - Texas Instruments DS38C86AVB Datasheet HTML 2Page - Texas Instruments DS38C86AVB Datasheet HTML 3Page - Texas Instruments DS38C86AVB Datasheet HTML 4Page - Texas Instruments DS38C86AVB Datasheet HTML 5Page - Texas Instruments DS38C86AVB Datasheet HTML 6Page - Texas Instruments DS38C86AVB Datasheet HTML 7Page - Texas Instruments DS38C86AVB Datasheet HTML 8Page - Texas Instruments DS38C86AVB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Features
n >
50% Less I
CC then Bi-CMOS DS3886A
n
9-Bit inverting BTL latching transceiver
n
Meets IEEE 1194.1 Standard on Backplane Transceiver
Logic (BTL)
n
Very low bus-port capacitance — 3 pF typical
n
Supports live insertion
n
Glitch free power-up/down protection
n
Fast propagation delays
— An to Bn (Fall-Thru Mode) 6.0 ns max
— Bn to An (Bypass Mode) 7.0 ns max
n
1V Signal swings with 80 mA sink capability
n
Open drain bus-port outputs allow Wired-OR connection
n
Controlled rise and fall time to reduce noise coupling to
adjacent lines
n
TTL compatible Driver and Control inputs
n
Built in Bandgap reference with separate QV
CC and
QGND pins for precise receiver thresholds
n
Individual bus-port ground pins
n
Tight skew —
— Driver 2.0 ns max
— Receiver 2.5 ns max
Connection Diagram
Ordering Information
NSID
Package
NS Package Number
DS38C86AVB
PQFP (7x7)
VBH48A
DS012623-3
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12