| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5645S bảng dữ liệu(PDF) 139 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5645S bảng dữ liệu(HTML) 139 Page - Freescale Semiconductor, Inc |
|
139 / 146 page ![]() Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8 Freescale Semiconductor 139 6 Ordering information Figure 58. Commercial product code structure Table 73. Orderable part number summary Part number1 1 All packaged devices are PPC, rather than MPC or SPC, until product qualifications are complete. The unpackaged device prefix is PCC, rather than SCC, until product qualification is complete. Not all configurations are available in the PPC parts. Flash/SRAM Package Speed (MHz) PPC5645SF0VLUA 2 MB/64 KB 176 LQFP (Pb free) 125 PPC5645SF0VLTA 2 MB/64 KB 208 LQFP (Pb free) 125 PPC5645SF0VVUA 2 MB/64 KB 416 TEPBGA (Pb free) 125 MPC V Note: Not all options are available on all devices. Refer to Table 73. 5645S VN Qualification status Core code Device number Temperature range Package identifier Tape and reel status Temperature range C = ‚Äì40 ¬×C to 85 Package identifier LU = 176 LQFP Pb-free Tape and reel status R = Tape and reel (blank) = Trays Qualification status P = Pre-qualification M = Fully spec. qualified, general market flow S = Fully spec. qualified, automotive flow V = ‚Äì40 ¬×C to 105 LT = 208 LQFP Pb-free VU = 416 TEPBGA Pb-free F0 Fab and mask indicator |