| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS5294IPFPR bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS5294IPFPR bảng dữ liệu(HTML) 11 Page - Texas Instruments |
|
11 / 67 page ![]() ADS5294 www.ti.com SLAS776B – NOVEMBER 2011 – REVISED JULY 2012 Table 1. LVDS Timing at Different Sampling Frequencies - 2 Wire Interface, 7x Serialization (1) LVDS Output Rate (MSPS) Setup Time (tsu), ns Hold Time (tH), ns tPROG = (6/7) × T + tdelay, ns (2) Zero-Crossing of LCLKP to Data Valid to Zero- tPROG = delay from Input clock zero-cross Data Becoming Invalid Crossing of LCLKP rising edge to frame clock zero cross (rising Fs = 1/T (both edges) edge) (both edges) MIN TYP MAX MIN TYP MAX MIN TYP MAX 80 0.34 0.57 0.55 0.8 8 9.5 11 65 0.35 0.64 0.8 1.1 8 9.5 11 50 0.7 0.9 1.2 1.5 8 9.5 11 40 1 1.3 1.6 1.85 8 9.5 11 30 1.7 2 2 2.3 8 9.5 11 20 2.9 3.2 3.2 3.5 8 9.5 11 10 6.5 6.7 6.7 7 8 9.5 11 (1) Bit clock and Frame clock jitter has been included in the Setup and hold timing. (2) Values below correspond to tdelay, NOT tPROG Table 2. LVDS Timing at Different Sampling Frequencies - 1 Wire Interface, 14x Serialization (1) LVDS Output Rate (MSPS) Setup Time (tsu), ns Hold Time (tH), ns tPROG = (5/7) × T + tdelay, ns (2) Zero-Crossing of LCLKP to Data Valid to Zero- tPROG = delay from Input clock zero-cross Data Becoming Invalid Crossing of LCLKP rising edge to frame clock zero cross (rising Fs = 1/T (both edges) edge) (both edges) MIN TYP MAX MIN TYP MAX MIN TYP MAX 50 0.28 0.48 0.28 0.6 7.5 9 10.5 40 0.5 0.68 0.54 0.8 7.5 9 10.5 30 0.62 0.8 1 1.25 7.5 9 10.5 20 1.2 1.4 1.6 1.9 7.5 9 10.5 10 3.1 3.3 3.3 3.5 7.5 9 10.5 (1) Bit clock and Frame clock jitter has been included in the Setup and hold timing. (2) Values below correspond to tdelay, NOT tPROG Copyright © 2011–2012, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s) :ADS5294 |