| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS5294IPFPR bảng dữ liệu(PDF) 50 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS5294IPFPR bảng dữ liệu(HTML) 50 Page - Texas Instruments |
|
50 / 67 page ![]() ADS5294 SLAS776B – NOVEMBER 2011 – REVISED JULY 2012 www.ti.com Registers 0x50 to 0x55 control the multiplexing options as below: MAP_CH1234_to_OUTn<3:0> Mapping Used in 1-wire mode? Used in 2-wire mode? 0000 ADC input channel IN1 to OUTn Y Y, for LSB byte 0001 ADC input channel IN1 to OUTn (2- N Y, for MSB byte wire only) 0010 ADC input channel IN2 to OUTn Y Y, for LSB byte 0011 ADC input channel IN2 to OUTn (2- N Y, for MSB byte wire only) 0100 ADC input channel IN3 to OUTn Y Y, for LSB byte 0101 ADC input channel IN3 to OUTn (2- N Y, for MSB byte wire only) 0110 ADC input channel IN4 to OUTn Y Y, for LSB byte 0111 ADC input channel IN4 to OUTn (2- N Y, for MSB byte wire only) 1xxx LVDS output buffer OUTn is powered down MAP_CH5678_to_OUTn<3:0> Mapping Used in 1-wire mode? Used in 2-wire mode? 0000 ADC input channel IN8 to OUTn Y Y, for LSB byte 0001 ADC input channel IN8 to OUTn (2- N Y, for MSB byte wire only) 0010 ADC input channel IN7 to OUTn Y Y, for LSB byte 0011 ADC input channel IN7 to OUTn (2- N Y, for MSB byte wire only) 0100 ADC input channel IN6 to OUTn Y Y, for LSB byte 0101 ADC input channel IN6 to OUTn (2- N Y, for MSB byte wire only) 0110 ADC input channel IN5 to OUTn Y Y, for LSB byte 0111 ADC input channel IN5 to OUTn (2- N Y, for MSB byte wire only) 1xxx LVDS output buffer OUTn is powered down 50 Submit Documentation Feedback Copyright © 2011–2012, Texas Instruments Incorporated Product Folder Link(s) :ADS5294 |