công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMA685X bảng dữ liệu(PDF) 47 Page - Freescale Semiconductor, Inc

tên linh kiện MMA685X
Giải thích chi tiết về linh kiện  Single-Axis SPI Inertial Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA685X bảng dữ liệu(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MMA685X Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 46Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 47Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 48Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 49Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 50Page - Freescale Semiconductor, Inc MMA685X Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Sensors
Freescale Semiconductor, Inc.
47
MMA685x
4.5.1
SPI Error
The following SPI conditions result in a SPI error:
• SCLK is high when CS is asserted
• the number of SCLK rising edges detected while CS is asserted is not equal to 16
• SCLK is high when CS is negated
• Command message parity error (MOSI)
• Bit 15 of Acceleration Data Request is not equal to ‘0’
• Bits 3 through 11 of an Acceleration Request are not equal to ‘0’
• Bits 0 through 7 of a Register Read Request are not equal to ‘0’
MMA685x responds to a SPI error with a “SPI Error” response as shown in Table 27. This applies to both acceleration data
request SPI errors, and Register Access SPI errors.
The arming function will not be updated if a SPI Error is detected. The PCM output is not affected by a SPI Error.
4.5.2
SPI Data Output Verification Error
MMA685x includes a function to verify the integrity of the data output to the MISO pin. The function reads the data transmitted
on the MISO pin and compares it against the data intended to be transmitted. If any one bit doesn’t match, a SPI MISO Mismatch
Fault is detected and the MISOERR flag in the DEVSTAT register is set.
If a valid SPI acceleration request message is received during the SPI transfer with the MISO mismatch failure, the SPI accel-
eration request message is ignored and MMA685x responds with a “MISO Error” response during the subsequent SPI message
(reference Table 27). The Arming function is not updated if a MISO mismatch failure occurs. The PCM function is not affected by
the MISO mismatch failure.
If a valid SPI register write request message is received during the SPI transfer with the MISO mismatch failure, the register
write is completed as requested, but MMA685x responds with a “MISO Error” response as shown in Table 27, during the subse-
quent SPI message.
If a valid SPI register read request message is received during the SPI transfer with the MISO mismatch failure, the register
read is ignored and MMA685x responds with a “MISO Error” response as shown in Table 27, during the subsequent SPI mes-
sage. If the register read request is for the DEVSTAT register, the DEVSTAT register will not be cleared.
In all cases, the MISOERR flag in the DEVSTAT register will remain set until a successful SPI Register Read Request of the
DEVSTAT register is completed.
Figure 34. SPI Data Output Verification
4.5.3
Invalid Requests
4.5.3.1
Invalid Acceleration Request
The following conditions result in an “Invalid Acceleration Request” error:
• The Axis Selection bit (AX) in the Command message is set
• The SPI “Acceleration Data Request” Command data listed in Section 4.3, Table 29 does not match the internal
register settings
MMA685x responds to an “Invalid Acceleration Request” error with an “Invalid Accel Request” response as specified in
Table 27 on the subsequent SPI message only. No internal fault is recorded. The arming function will not be updated if an “Ac-
celeration Data Request Mismatch” Error is detected. The PCM output is not affected by the “Acceleration Data Request Mis-
match” error.
Register operations will be executed as specified in Section 4.4.
D
Q
R
D
Q
R
DQ
SCLK
SPI DATA OUT SHIFT REGISTER
DATA OUT BUFFER
MISO
MISO ERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52