công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT66F016 bảng dữ liệu(PDF) 84 Page - Holtek Semiconductor Inc

tên linh kiện HT66F016
Giải thích chi tiết về linh kiện  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 bảng dữ liệu(HTML) 84 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 80Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 81Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 82Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 83Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 84Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 85Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 86Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 87Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 88Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
84
May 14, 2012
Interrupts
Interrupts are an important part of any microcontroller
system. When an external event or an internal function
such as a Timer Module or an A/D converter requires
microcontroller attention, their corresponding interrupt
will enforce a temporary suspension of the main pro-
gram allowing the microcontroller to direct attention to
their respective needs. The device contains several ex-
ternal interrupt and internal interrupts functions. The ex-
ternal interrupt is generated by the action of the external
INT pin, while the internal interrupts are generated by
various internal functions such as the TMs, Comparator,
Time Base, LVD, EEPROM, SIM and the A/D converter.
Interrupt Registers
Overall interrupt control, which basically means the set-
ting of request flags when certain microcontroller condi-
tions occur and the setting of interrupt enable bits by the
application program, is controlled by a series of regis-
ters, located in the Special Purpose Data Memory, as
shown in the accompanying table. The number of regis-
ters depends upon the device chosen but fall into three
categories. The first is the INTC0~INTC2 registers
which setup the primary interrupts, the second is the
MFI0~MFI2 registers which setup the Multi-function in-
terrupts. Finally there is an INTEG register to setup the
external interrupt trigger edge type.
Each register contains a number of enable bits to enable
or disable individual interrupts as well as interrupt flags
to indicate the presence of an interrupt request. The
naming convention of these follows a specific pattern.
First is listed an abbreviated interrupt type, then the (op-
tional) number of that interrupt followed by either an
²E²
for enable/ disable bit or
²F² for request flag.
Function
Enable
Bit
Request
Flag
Notes
Global
EMI
¾¾
INTn Pin
INTnE
INTnF
n=0~1
Comparator
CPE
CPF
¾
Multi-function
MFnE
MFnF
n=0~2
A/D Converter
ADE
ADF
HT66F016,
HT66F017 only
Time Base
TBnE
TBnF
n=0~1
LVD
LVE
LVF
¾
EEPROM
DEE
DEF
¾
TM
TnPE
TnPF
n=0~1
TnAE
TnAF
Interrupt Register Bit Naming Conventions
· HT66F016, HT68F016 Interrupt Register Contents
Name
Bit
76543210
INTEG
¾¾¾¾
INT1S1
INT1S0
INT0S1
INT0S0
INTC0
¾¾
CPF
INT0F
¾
CPE
INT0E
EMI
INTC1
TB0F
ADF
MF2F
MF1F
TB0E
ADE
MF2E
MF1E
INTC2
¾¾
INT1F
TB1F
¾¾
INT1E
TB1E
MFI0
¾¾¾¾¾¾¾¾
MFI1
¾¾
T1AF
T1PF
¾¾
T1AE
T1PE
MFI2
¾¾
DEF
LVF
¾¾
DEE
LVE
Note: HT68F016 doesn
¢t have ADE & ADF bits
· HT66F017, HT68F017 Interrupt Register Contents
Name
Bit
76543210
INTEG
¾¾¾¾
INT1S1
INT1S0
INT0S1
INT0S0
INTC0
¾
MF0F
CPF
INT0F
MF0E
CPE
INT0E
EMI
INTC1
TB0F
ADF
MF2F
MF1F
TB0E
ADE
MF2E
MF1E
INTC2
¾¾
INT1F
TB1F
¾¾
INT1E
TB1E
MF0I
¾¾
T0AF
T0PF
¾¾
T0AE
T0PE
MFI1
¾¾
T1AF
T1PF
¾¾
T1AE
T1PE
MFI2
¾¾
DEF
LVF
¾¾
DEE
LVE
Note: HT68F017 doesn
¢t have ADE & ADF bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com