công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT66F016 bảng dữ liệu(PDF) 66 Page - Holtek Semiconductor Inc

tên linh kiện HT66F016
Giải thích chi tiết về linh kiện  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F016 bảng dữ liệu(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT66F016 Datasheet HTML 62Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 63Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 64Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 65Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 66Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 67Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 68Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 69Page - Holtek Semiconductor Inc HT66F016 Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
66
May 14, 2012
· TM1AL Register
Bit
76543210
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~0
TM1AL: TM1 CCRA low byte register bit 7~bit 0
TM1 16-bit CCRA bit 7~bit 0
· TM1AH Register
Bit
76543210
Name
D15
D14
D13
D12
D11
D10
D9
D8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~0
TM1AH: TM1 CCRA high byte register bit 7~bit 0
TM1 16-bit CCRA bit 15~bit 8
· TM1RP Register
Bit
76543210
Name
T1RP7
T1RP6
T1RP5
T1RP4
T1RP3
T1RP2
T1RP1
T1RP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~0
T1RP7~T1RP0: TM1 CCRP register bit 7~bit 0, compared with the TM1 counter bit 15~bit 8
Comparator P Match Period =
0: 65536 TM1 clocks
1~255: (1~255)
´ 256 TM1 clocks
These eight bits are used to setup the value on the internal CCRP 8-bit register, which are then
compared with the internal counter's highest eight bits. The result of this comparison can be
selected to clear the internal counter if the T1CCLR bit is set to zero. Setting the T1CCLR bit to
zero ensures that a compare match with the CCRP values will reset the internal counter. As the
CCRP bits are only compared with the highest eight counter bits, the compare values exist in 256
clock cycle multiples. Clearing all eight bits to zero is in effect allowing the counter to overflow at
its maximum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com