| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-BF607 bảng dữ liệu(PDF) 43 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-BF607 bảng dữ liệu(HTML) 43 Page - Analog Devices |
|
43 / 44 page ![]() Preliminary Technical Data Rev. PrD | Page 43 of 44 | March 2012 ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609 AUTOMOTIVE PRODUCTS The TBD model is available with controlled manufacturing to support the quality and reliability requirements of automotive applications. Note that these automotive models may have spec- ifications that differ from the commercial models and designers should review the product specifications section of this data sheet carefully. Only the automotive grade products shown in below are available for use in automotive applications. Contact your local ADI account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for these models. PRE RELEASE PRODUCTS Model Temperature Range1 Package Description Package Option Processor Instruction Rate (Max) TBD TBD 349-Ball Chip Scale Package Ball Grid Array BC-349-1 500 MHz 1 Referenced temperature is ambient temperature. The ambient temperature is not a specification. Please see Operating Conditions on Page 31 for the junction temperature (TJ) specification which is the only temperature specification. Model Temperature Range1 1 Referenced temperature is ambient temperature. The ambient temperature is not a specification. Please see Operating Conditions on Page 31 for the junction temperature (TJ) specification which is the only temperature specification. Package Description Package Option Processor Instruction Rate (Max) ADSP-BF609-ENG TBD 349-Ball Chip Scale Package Ball Grid Array BC-349-1 500 MHz |