công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IXDN0036 bảng dữ liệu(PDF) 25 Page - IXYS Corporation

tên linh kiện IXDN0036
Giải thích chi tiết về linh kiện  Several lamp types
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN0036 bảng dữ liệu(HTML) 25 Page - IXYS Corporation

Back Button IXDN0036 Datasheet HTML 21Page - IXYS Corporation IXDN0036 Datasheet HTML 22Page - IXYS Corporation IXDN0036 Datasheet HTML 23Page - IXYS Corporation IXDN0036 Datasheet HTML 24Page - IXYS Corporation IXDN0036 Datasheet HTML 25Page - IXYS Corporation IXDN0036 Datasheet HTML 26Page - IXYS Corporation IXDN0036 Datasheet HTML 27Page - IXYS Corporation IXDN0036 Datasheet HTML 28Page - IXYS Corporation IXDN0036 Datasheet HTML 29Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
ATPWMx Demonstrator Software
6-26
ATAVRFBKIT / EVLD001 User Guide
7597A–AVR–02/06
6.1.4.1
Input variables
which have an
impact on the
Control state
machine:
• None
6.1.4.2
Output variables
which can impact
other state
machines
•
gv_pfc_state is set from PFC_OFF state to
INIT_PFC_HAVERSINE_CHECK state on the PFC state machine in the
Pfc_ctrl.c file when the user requests the lamp to switch on.
• gv_request_lamp_off is set by the control state machine.
6.2
Pfc_ctrl.c
This file executes the PFC state machine according to the scheduler in the
Main_pwmx_fluo_demo.c file.
6.2.1
PFC STATE
MACHINE
The PFC state machine functional diagram is shown below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41