| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IXDN0036 bảng dữ liệu(PDF) 19 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXDN0036 bảng dữ liệu(HTML) 19 Page - IXYS Corporation |
|
19 / 41 page ![]() ATPWMx Demonstrator Software 6-20 ATAVRFBKIT / EVLD001 User Guide 7597A–AVR–02/06 Furthermore, in order to work properly the state machines require input data. The ana- log data is provided primarily by an auto running interrupt mode ADC state machine. The complete software package for the application is split into the functional blocks in the diagram shown below. While the variables are identified as follows. g_ global gv_ global volatile gs_ global static Voltage and current variables are identified by the following examples. g_v or g_i global - voltage/current gv_v or gv_i global volatile - voltage/current gs_v or gs_i global static - voltage/current Figure 6-1. Demo Software Architecture 6.1 Main_pwmx_fluo_de mo.c This file executes all the peripheral initializations and then schedules the different con- trol tasks. The ADC and the Command control state machines are also included in this file. The ADC machine is controlled via interrupts. |