| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IXDN0036 bảng dữ liệu(PDF) 24 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXDN0036 bảng dữ liệu(HTML) 24 Page - IXYS Corporation |
|
24 / 41 page ![]() ATPWMx Demonstrator Software ATAVRFBKIT / EVLD001 User Guide 6-25 7597A–AVR–02/06 WAIT_FOR_FIRST_COMMAND The three control means are scrutinized, and the first command caught sets the g_control_means variable according to the command received. Then the command is applied to the corresponding command state machine. ZERO_TEN_VOLT_CONTROL Analog control with 0-10V laboratory supply. PINE2 allows the lamp to be switched on and off. SWISS_CONTROL Read the input pin. Analyze the touch dim command. Set the control variable values corresponding to the user request. INIT_DALI Initialize the DALI microcontroller peripheral and jump to SET_DALI_IN_RX_MODE. SET_DALI_IN_RX_MODE Set the DALI bus in RX mode and jump to the WAIT_FOR_DALI_MESSAGE state or to the DALI_MESSAGE_EXPLOITATION state in case a message had been received as soon as the DALI was ready. WAIT_FOR_DALI_MESSAGE Wait for a DALI message, in the case one arrives , jump to the DALI_MESSAGE_EXPLOITATION state. DALI_MESSAGE_EXPLOITATION Analyze the DALI message content and modify control variables according to the request. In case a request from the DALI master is expected, answer, and jump back to SET_DALI_IN_RX_MODE state in order to wait for the next command, or jump to the WAIT_FOR_DALI_TX_COMPLETED state in case the TX is not completed. WAIT_FOR_DALI_TX_COMPLETED Stay in this state until the DALI transmission is completed. As soon as the transmission is done, jump to SET_DALI_IN_RX_MODE in order to reinitialize the DALI bus for the next message. Notes: 1. Control state machine Global variables |