công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F64573LFD bảng dữ liệu(PDF) 131 Page - Renesas Technology Corp

tên linh kiện R5F64573LFD
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64573LFD bảng dữ liệu(HTML) 131 Page - Renesas Technology Corp

Back Button R5F64573LFD Datasheet HTML 126Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 127Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 128Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 129Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 130Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 131Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 132Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 133Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 134Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 131 / 134 page
background image
A- 2
45
• Modified the following register names in Table 4.26: “DMAi Source
Select Register 2” to “DMAi Request Source Select Register 2” and
“DMAi Source Select Register 1” to “DMAi Request Source Select
Register”; Changed expression “Wake-up/Interrupt Priority Level
Control Register” to “Wake-up IPL Setting Register”
46
• Changed expressions in Table 4.27: “LIN0” in register names to “LIN”
and register symbols starting from “L0” to “L”; Modified “X” in reset
values for unassigned bits to “0” for the following registers: LCW,
LBRG, LMD0, LBRK, LSPC, LRFC, LSC, LTC, LST, and LEST
63, 77,
91
• Modified reset value “00h” for C2CLKR in Table 4.44, C1CLKR in
Table 4.58
, and C0CLKR in Table 4.72 to “000X 0000b”
91
• Added addresses “047F60h to 047FFFh” and “048000h to 04FFFFh”
to Table 4.72
Chapter 5. Electrical Characteristics
—
• Added initially
1.10
Nov 09, 2010
—
Third edition released
This manual in general
—
• Applied new Renesas templates and formats to the manual
• Changed company name to “Renesas Electronics Corporation” and
changed related descriptions due to business merger of Renesas
Technology Corporation and NEC Electronics Corporation (under
Chapters 1 and 5)
• Modified expressions “version J”, “version L”, and “version K” to “J
version”, “L version”, and “K version”, respectively (under Chapters 1
and 5)
Chapter 1. Overview
2
• Modified “re-oscillation detection” in Table 1.1 to “restart detection”
4
• Completed all “under development” phases in Table 1.3
7• Revised Figure 1.3
12
• Modified expression “fC” in Table 1.8 to “low speed clocks”
Chapter 2. CPU
—
• Modified wording and enhanced description in this chapter
Chapter 4. SFRs
25, 28,
31
• Changed register name “Group i Timer Measurement Prescaler
Register” in Tables 4.6, 4.9, and 4.12 to “Group i Time Measurement
Prescaler Register”
32
• Modified expression “XY Control Register” in Table 4.13 to “X-Y
Control Register”
34
• Changed register name “UART2 Transmission/Receive Mode
Register” in Table 4.15 to “UART2 Transmit/Receive Mode Register”;
Changed hexadecimal format of reset values for registers TABSR,
ONSF, and TRGSR to binary
45
• Changed register name “External Interrupt Source Select Register i” in
Table 4.26
to “External Interrupt Request Source Select Register i”
Revision History
R32C/157 Group Datasheet
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com