công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F64573LFD bảng dữ liệu(PDF) 100 Page - Renesas Technology Corp

tên linh kiện R5F64573LFD
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64573LFD bảng dữ liệu(HTML) 100 Page - Renesas Technology Corp

Back Button R5F64573LFD Datasheet HTML 96Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 97Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 98Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 99Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 100Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 101Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 102Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 103Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 134 page
background image
REJ03B0234-0110
Rev.1.10
Page 100 of 129
Nov 09, 2010
R32C/157 Group
5. Electrical Characteristics
Notes:
1.
Program/erase definition
This value represents the number of erasure per block.
If the flash memory is programmed/erased n times, each block can be erased n times.
i.e. If a word write is performed in different 16 addresses in a block and then the block is erased, it
is considered the programming/erasure is performed just once. However a write in the same
address more than once for one erasure is disabled (overwrite disabled).
2.
The data retention time includes the periods when the supply voltage is not applied and no clock is
provided.
3.
This data retention includes 3000 hours in Ta = 125°C and 7000 hours in Ta = 85°C.
4.
Contact a Renesas Electronics sales office regarding data retention time other than the above.
Figure 5.3
Power Supply Circuit Timing
Table 5.9
E2dataFlash Electrical Characteristics
(VCC = 3.0 to 5.5 V, VSS =0V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
—
Programming and erasure endurance of flash memory (1)
100000
times
—
Word program time
100
2000
µs
—
Block erasure time
32 byte block
15
200
ms
tPS
Flash memory circuit start-up stabilization time
35
50
µs
—
Data retention (2)
Ta = 55°C (3, 4)
20
years
Table 5.10
Power Supply Circuit Timing Characteristics
(VCC = 3.0 to 5.5 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristic
Measurement
condition
Value
Unit
Min.
Typ. Max.
td(P-R)
Internal power supply start-up stabilization
time after the main power supply is turned on
2ms
t d(P-R)
VCC
PLL oscillator-
output waveform
Internal power supply start-up
stabilization time after the main
power supply is turned on
Recommended
operating voltage
t d(P-R)
Supply voltage for
internal logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com