công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F6457GLFD bảng dữ liệu(PDF) 31 Page - Renesas Technology Corp

tên linh kiện R5F6457GLFD
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6457GLFD bảng dữ liệu(HTML) 31 Page - Renesas Technology Corp

Back Button R5F6457GLFD Datasheet HTML 27Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 28Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 29Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 30Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 31Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 32Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 33Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 34Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 134 page
background image
REJ03B0234-0110
Rev.1.10
Page 31 of 129
Nov 09, 2010
R32C/157 Group
4. Special Function Registers (SFRs)
Table 4.12
SFR List (12)
Address
Register
Symbol
Reset Value
000230h to
00023F
000240h Group 3 Time Measurement/Waveform Generation Register 0
G3TM0/G3PO0
XXXXh
000241h
000242h Group 3 Time Measurement/Waveform Generation Register 1
G3TM1/G3PO1
XXXXh
000243h
000244h Group 3 Time Measurement/Waveform Generation Register 2
G3TM2/G3PO2
XXXXh
000245h
000246h Group 3 Time Measurement/Waveform Generation Register 3
G3TM3/G3PO3
XXXXh
000247h
000248h Group 3 Time Measurement/Waveform Generation Register 4
G3TM4/G3PO4
XXXXh
000249h
00024Ah Group 3 Time Measurement/Waveform Generation Register 5
G3TM5/G3PO5
XXXXh
00024Bh
00024Ch Group 3 Time Measurement/Waveform Generation Register 6
G3TM6/G3PO6
XXXXh
00024Dh
00024Eh Group 3 Time Measurement/Waveform Generation Register 7
G3TM7/G3PO7
XXXXh
00024Fh
000250h Group 3 Waveform Generation Control Register 0
G3POCR0
0000 X000b
000251h Group 3 Waveform Generation Control Register 1
G3POCR1
0X00 X000b
000252h Group 3 Waveform Generation Control Register 2
G3POCR2
0X00 X000b
000253h Group 3 Waveform Generation Control Register 3
G3POCR3
0X00 X000b
000254h Group 3 Waveform Generation Control Register 4
G3POCR4
0X00 X000b
000255h Group 3 Waveform Generation Control Register 5
G3POCR5
0X00 X000b
000256h Group 3 Waveform Generation Control Register 6
G3POCR6
0X00 X000b
000257h Group 3 Waveform Generation Control Register 7
G3POCR7
0X00 X000b
000258h Group 3 Time Measurement Control Register 0
G3TMCR0
00h
000259h Group 3 Time Measurement Control Register 1
G3TMCR1
00h
00025Ah Group 3 Time Measurement Control Register 2
G3TMCR2
00h
00025Bh Group 3 Time Measurement Control Register 3
G3TMCR3
00h
00025Ch Group 3 Time Measurement Control Register 4
G3TMCR4
00h
00025Dh Group 3 Time Measurement Control Register 5
G3TMCR5
00h
00025Eh Group 3 Time Measurement Control Register 6
G3TMCR6
00h
00025Fh Group 3 Time Measurement Control Register 7
G3TMCR7
00h
000260h Group 3 Base Timer Register
G3BT
XXXXh
000261h
000262h Group 3 Base Timer Control Register 0
G3BCR0
00h
000263h Group 3 Base Timer Control Register 1
G3BCR1
0000 0000b
000264h Group 3 Time Measurement Prescaler Register 6
G3TPR6
00h
000265h Group 3 Time Measurement Prescaler Register 7
G3TPR7
00h
000266h Group 3 Function Enable Register
G3FE
00h
000267h Group 3 Function Select Register
G3FS
00h
000268h
000269h
00026Ah
00026Bh
00026Ch
00026Dh
00026Eh
00026Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com