công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F6457GLFD bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp

tên linh kiện R5F6457GLFD
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6457GLFD bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp

Back Button R5F6457GLFD Datasheet HTML 15Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 16Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 17Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 18Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 19Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 20Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 21Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 22Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 134 page
background image
REJ03B0234-0110
Rev.1.10
Page 19 of 129
Nov 09, 2010
R32C/157 Group
3. Memory
3.
Memory
Figure 3.1 shows the memory map of the R32C/157 Group.
The R32C/157 Group provides a 4-Gbyte address space from 00000000h to FFFFFFFFh.
The internal ROM is mapped to the end of the memory map with the ending address fixed at FFFFFFFFh.
Therefore, the 512-Kbyte internal ROM is mapped from FFF80000h to FFFFFFFFh.
The fixed interrupt vector table which contains each start address of interrupt handlers is mapped from
FFFFFFDCh to FFFFFFFFh.
The internal RAM is mapped to the beginning of the memory map with the starting address fixed at
00000400h. Therefore, the 32-Kbyte internal RAM is mapped from 00000400h to 000083FFh. Besides
being used for data storage, the internal RAM functions as a stack(s) for subroutines and/or interrupt
handlers.
Special Function Registers (SFRs), which are control registers for peripheral functions, are mapped from
00000000h to 000003FFh, and from 00040000h to 0004FFFFh. Unoccupied SFR locations are reserved.
No access is allowed.
Figure 3.1
Memory Map
Internal RAM
SFR1
SFR2
Internal ROM
000 00000 h
FFFFFFFFh
Reset
NMI
Reserved
Watchdog timer (2)
Reserved
Reserved
BRK instruction
Overflow
Undefined instruction
FFFFFFFFh
FFFFFFDCh
Notes:
1. Additional two 4-Kbyte spaces (blocks A and B) for storing data are provided in the flash memory version.
2. The watchdog timer interrupt shares the vector table with the oscillator stop detection interrupt and low
voltage detection interrupt.
YYYYYYYYh
0000 0400h
XXXXXXXXh
Reserved
0004 0000h
Internal ROM
(Data space) (1)
0006 0000h
0006 2000h
Reserved
000 50000 h
Reserved
Internal RAM
Capacity
XXXXXXXXh
32 Kbytes
00008400h
24 Kbytes
00006400h
Internal ROM
Capacity
YYYYYYYYh
256 Kbytes
FFFC0000h
384 Kbytes
FFFA0000h
512 Kbytes
FFF80000h
20 Kbytes
00005400h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com