công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F6457GLFD bảng dữ liệu(PDF) 25 Page - Renesas Technology Corp

tên linh kiện R5F6457GLFD
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6457GLFD bảng dữ liệu(HTML) 25 Page - Renesas Technology Corp

Back Button R5F6457GLFD Datasheet HTML 21Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 22Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 23Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 24Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 25Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 26Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 27Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 28Page - Renesas Technology Corp R5F6457GLFD Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 134 page
background image
REJ03B0234-0110
Rev.1.10
Page 25 of 129
Nov 09, 2010
R32C/157 Group
4. Special Function Registers (SFRs)
Table 4.6
SFR List (6)
Address
Register
Symbol
Reset Value
000108h Group 1 Time Measurement/Waveform Generation Register 4
G1TM4/G1PO4
XXXXh
000109h
00010Ah Group 1 Time Measurement/Waveform Generation Register 5
G1TM5/G1PO5
XXXXh
00010Bh
00010Ch Group 1 Time Measurement/Waveform Generation Register 6
G1TM6/G1PO6
XXXXh
00010Dh
00010Eh Group 1 Time Measurement/Waveform Generation Register 7
G1TM7/G1PO7
XXXXh
00010Fh
000110h Group 1 Waveform Generation Control Register 0
G1POCR0
0000 X000b
000111h Group 1 Waveform Generation Control Register 1
G1POCR1
0X00 X000b
000112h Group 1 Waveform Generation Control Register 2
G1POCR2
0X00 X000b
000113h Group 1 Waveform Generation Control Register 3
G1POCR3
0X00 X000b
000114h Group 1 Waveform Generation Control Register 4
G1POCR4
0X00 X000b
000115h Group 1 Waveform Generation Control Register 5
G1POCR5
0X00 X000b
000116h Group 1 Waveform Generation Control Register 6
G1POCR6
0X00 X000b
000117h Group 1 Waveform Generation Control Register 7
G1POCR7
0X00 X000b
000118h Group 1 Time Measurement Control Register 0
G1TMCR0
00h
000119h Group 1 Time Measurement Control Register 1
G1TMCR1
00h
00011Ah Group 1 Time Measurement Control Register 2
G1TMCR2
00h
00011Bh Group 1 Time Measurement Control Register 3
G1TMCR3
00h
00011Ch Group 1 Time Measurement Control Register 4
G1TMCR4
00h
00011Dh Group 1 Time Measurement Control Register 5
G1TMCR5
00h
00011Eh Group 1 Time Measurement Control Register 6
G1TMCR6
00h
00011Fh Group 1 Time Measurement Control Register 7
G1TMCR7
00h
000120h Group 1 Base Timer Register
G1BT
XXXXh
000121h
000122h Group 1 Base Timer Control Register 0
G1BCR0
00h
000123h Group 1 Base Timer Control Register 1
G1BCR1
0000 0000b
000124h Group 1 Time Measurement Prescaler Register 6
G1TPR6
00h
000125h Group 1 Time Measurement Prescaler Register 7
G1TPR7
00h
000126h Group 1 Function Enable Register
G1FE
00h
000127h Group 1 Function Select Register
G1FS
00h
000128h
000129h
00012Ah
00012Bh
00012Ch
00012Dh
00012Eh
00012Fh
000130h to
00013Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com