công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC66 bảng dữ liệu(PDF) 62 Page - NXP Semiconductors

tên linh kiện LPC66
Giải thích chi tiết về linh kiện  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC66 bảng dữ liệu(HTML) 62 Page - NXP Semiconductors

Back Button LPC66 Datasheet HTML 57Page - NXP Semiconductors LPC66 Datasheet HTML 58Page - NXP Semiconductors LPC66 Datasheet HTML 59Page - NXP Semiconductors LPC66 Datasheet HTML 60Page - NXP Semiconductors LPC66 Datasheet HTML 61Page - NXP Semiconductors LPC66 Datasheet HTML 62Page - NXP Semiconductors LPC66 Datasheet HTML 63Page - NXP Semiconductors LPC66 Datasheet HTML 64Page - NXP Semiconductors LPC66 Datasheet HTML 65Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 62 / 65 page
background image
LPC1768_67_66_65_64_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 19 November 2009
62 of 65
NXP Semiconductors
LPC1768/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
17. Revision history
Table 18.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
LPC1768_67_66_65_64_3
20091119
Product data sheet
-
LPC1768_66_65_64_2
Modifications:
• Changed data sheet status to Product data sheet.
• Added part LPC1767.
• Maximum data bit rate for SPI, SSP, UART added.
• RTC backup RAM size updated (20 bytes).
• WDT clock source added: RTC oscillator.
• Table 14 “Dynamic characteristics of SPI pins” updated.
• ADC conversion rate changed to 200 kHz.
• Updated motor control PWM pin names in Table 3 “Pin description” and Figure 1 “Block
diagram”.
• VDDA and VREFP pin descriptions updated (Table 3).
• VESD changed to ±4000 V (Table 4).
• Power consumption data added to Table 6.
• Flash characteristics table updated (Table 7).
• I2C-bus timing characteristics updated (Table 10).
• I2S-bus timing characteristics updated (Table 11).
• Added Section 10.1 “Electrical pin characteristics”.
• Changed VI to 5.5 V (max) in Table 4.
• Changed VI to 5.0 V (max) in Table 6.
• Table 15 “ADC characteristics” updated.
• DAC electrical characteristics updated (Table 16).
• Section 14.2 “XTAL1 input” and Section 14.3 “XTAL and RTCX Printed Circuit Board
(PCB) layout guidelines”) added.
• Removed symbols from timing diagram (Figure 12).
• Updated Figure 3 “LPC17xx memory map”.
LPC1768_66_65_64_2
20090211
Objective data sheet
-
LPC1768_66_65_64_1
LPC1768_66_65_64_1
20090115
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com