| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMX320LC2401AVFS bảng dữ liệu(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMX320LC2401AVFS bảng dữ liệu(HTML) 37 Page - Texas Instruments |
|
37 / 88 page ![]() TMS320LF2401A, TMS320LC2401A DSP CONTROLLERS SPRS161K − MARCH 2001 − REVISED JULY 2007 37 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 PERIPHERALS The integrated peripherals of the TMS320Lx2401A are described in the following subsections: D Event-manager module (EVA) D Enhanced analog-to-digital converter (ADC) module D Serial communications interface (SCI) module D PLL-based clock module D Digital I/O and shared pin functions D Watchdog (WD) timer module event manager module (EVA) The event-manager module includes general-purpose (GP) timers, full-compare/PWM units, and a capture unit. Table 7 shows the module and signal names used. Table 7 also shows the features and functionality available for the event-manager module. The EVA peripheral register set starts at 7400h. The paragraphs in this section describe the function of the GP timers, the compare units, and the capture unit. Table 7. Module and Signal Names for EVA EVENT MANAGER MODULES MODULE SIGNAL GP Timers Timer 1 Timer 2 — T2PWM/T2CMP Compare Units Compare 1 Compare 2 Compare 3 PWM1/2 PWM3/4 PWM5/6 Capture Unit Capture 1 CAP1 |