| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMX320LC2401AVFS bảng dữ liệu(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMX320LC2401AVFS bảng dữ liệu(HTML) 26 Page - Texas Instruments |
|
26 / 88 page ![]() TMS320LF2401A, TMS320LC2401A DSP CONTROLLERS SPRS161K − MARCH 2001 − REVISED JULY 2007 26 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 scan-based emulation TMS320x2xx devices incorporate scan-based emulation logic for code-development and hardware- development support. Scan-based emulation allows the emulator to control the processor in the system without the use of intrusive cables to the full pinout of the device. The scan-based emulator communicates with the x2xx by way of the IEEE 1149.1-compatible (JTAG) interface. The Lx2401A DSP does not include boundary scan. The scan chain of the device is useful for emulation function only. |