công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F4152IPM bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F4152IPM
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4152IPM bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button MSP430F4152IPM Datasheet HTML 4Page - Texas Instruments MSP430F4152IPM Datasheet HTML 5Page - Texas Instruments MSP430F4152IPM Datasheet HTML 6Page - Texas Instruments MSP430F4152IPM Datasheet HTML 7Page - Texas Instruments MSP430F4152IPM Datasheet HTML 8Page - Texas Instruments MSP430F4152IPM Datasheet HTML 9Page - Texas Instruments MSP430F4152IPM Datasheet HTML 10Page - Texas Instruments MSP430F4152IPM Datasheet HTML 11Page - Texas Instruments MSP430F4152IPM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
MSP430F41x2
MIXED SIGNAL MICROCONTROLLER
SLAS648E -- APRIL 2009 -- REVISED MARCH 2011
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (continued)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
64
PIN
48
PIN
I/O
DESCRIPTION
P5.3/R03
40
29
I/O
General-purpose digital I/O pin
input port of the fourth most positive analog LCD level (V1)
P5.4/COM3
39
28
I/O
General-purpose digital I/O pin
common output, COM0--3 are used for LCD backplanes
P5.5/COM2
38
27
I/O
General-purpose digital I/O pin
common output, COM0--3 are used for LCD backplanes
P5.6/COM1
37
26
I/O
General-purpose digital I/O pin
common output, COM0--3 are used for LCD backplanes
P5.7/COM0
36
25
I/O
General-purpose digital I/O pin
common output, COM0--3 are used for LCD backplanes
P6.0/TA1.2/A2†/
CA4
63
47
I/O
General-purpose digital I/O pin
Timer1_A5, compare: Out2 output
ADC10 analog input A2†
Comparator_A input 4
P6.1/
UCB0SOMI†/
UCB0SCL†
1
1
I/O
General-purpose digital I/O pin
USCI B0 slave out/master in in SPI mode, SCL I2C clock in I2C mode†
P6.2/
UCB0SIMO†/
UCB0SDA†
2
2
I/O
General-purpose digital I/O pin
USCI B0 slave in/master out in SPI mode, SDA I2CdatainI2C mode†
P6.3/UCB0STE/
UCA0CLK/A3/
CA5/Veref--/Vref--
3
--
I/O
General-purpose digital I/O pin
USCI B0 slave transmit enable/USCI A0 clock input/output
ADC10 analog input A3 / negative reference
Comparator_A input 5
P6.4/UCB0CLK/
UCA0STE/A4/
CA6/Veref+/Vref+
4
--
I/O
General-purpose digital I/O pin
USCI B0 clock input/output, USCI A0 slave transmit enable
ADC10 analog input A4/ positive reference
Comparator_A input 6
P6.5/UCA0RXD/
UCA0SOMI/A5
5
--
I/O
General-purpose digital I/O pin
USCI A0 receive data input in UART mode, slave data out/master in in SPI mode
ADC10 analog input A5
P6.6/UCA0TXD/
UCA0SIMO/A6
6
--
I/O
General-purpose digital I/O pin
USCI A0 transmit data output in UART mode, slave data in/master out SPI mode
ADC10 analog input A6
P6.7/A7/CA7/
SVSIN
11
7
I/O
General-purpose digital I/O pin
ADC10 analog input A7
Comparator_A input 7
SVS input
P7.0/TDO/TDI/
S32
54
38
I/O
General-purpose digital I/O pin
JTAG test data output terminal or test data input in programming an test
LCD segment output
P7.1/TDI/TCLK/
S33
55
39
I/O
General-purpose digital I/O pin
JTAG test data input or test clock input in programming an test
LCD segment output
P7.2/TMS/S34
56
40
I/O
General-purpose digital I/O pin
JTAG test mode select, input terminal for device programming and test
LCD segment output
† 64-pin package devices only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82