| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430F4152IPM bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F4152IPM bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 82 page ![]() MSP430F41x2 MIXED SIGNAL MICROCONTROLLER SLAS648E -- APRIL 2009 -- REVISED MARCH 2011 7 POST OFFICE BOX 655303 DALLAS, TEXAS 75265 Terminal Functions (continued) TERMINAL NO. I/O DESCRIPTION NAME 64 PIN 48 PIN I/O DESCRIPTION P3.0/TA1.2/S23 35 -- I/O General-purpose digital I/O pin Timer1_A5, capture: CCI2A input, compare: Out2 output LCD segment output P3.1/TA1.3/S22 34 -- I/O General-purpose digital I/O pin Timer1_A5, capture: CCI3A input, compare: Out3 output LCD segment output P3.2/TA1.4/S21 33 -- I/O General-purpose digital I/O pin Timer1_A5, capture: CCI4A input, compare: Out4 output LCD segment output P3.3/TA0.0/ TA1CLK/S20 32 -- I/O General-purpose digital I/O pin Timer0_A3, compare: Out0 output Timer1_A5, clock signal TACLK input LCD segment output P3.4/CAOUT/S19 31 24 I/O General-purpose digital I/O pin Comparator_A output LCD segment output P3.5/S18 30 -- I/O General-purpose digital I/O pin LCD segment output P3.6/S17 29 -- I/O General-purpose digital I/O pin LCD segment output P3.7/S16 28 -- I/O General-purpose digital I/O pin LCD segment output P4.0/S7 19 15 I/O General-purpose digital I/O pin LCD segment output P4.1/S6 18 14 I/O General-purpose digital I/O pin LCD segment output P4.2/S5 17 13 I/O General-purpose digital I/O pin LCD segment output P4.3/S4 16 12 I/O General-purpose digital I/O pin LCD segment output P4.4/S3 15 11 I/O General-purpose digital I/O pin LCD segment output P4.5/S2 14 10 I/O General-purpose digital I/O pin LCD segment output P4.6/S1 13 9 I/O General-purpose digital I/O pin LCD segment output P4.7/ADC10CLK/ S0 12 8 I/O General-purpose digital I/O pin ADC10, conversion clock LCD segment output P5.0/TA1.1/S24 44 -- I/O General-purpose digital I/O pin Timer1_A5, capture: CCI1A input, compare: Out1 output LCD segment output LCDCAP/R33 43 32 I/O Capacitor connection for LCD charge pump input port of the most positive analog LCD level (V4) P5.1/R23 42 31 I/O General-purpose digital I/O pin input port of the second most positive analog LCD level (V3) P5.2/LCDREF/ R13 41 30 I/O General-purpose digital I/O pin External LCD reference voltage input input port of the third most positive analog LCD level (V3 or V2) |