công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF85176 bảng dữ liệu(PDF) 10 Page - NXP Semiconductors

tên linh kiện PCF85176
Giải thích chi tiết về linh kiện  Universal LCD driver for low multiplex rates
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85176 bảng dữ liệu(HTML) 10 Page - NXP Semiconductors

Back Button PCF85176 Datasheet HTML 6Page - NXP Semiconductors PCF85176 Datasheet HTML 7Page - NXP Semiconductors PCF85176 Datasheet HTML 8Page - NXP Semiconductors PCF85176 Datasheet HTML 9Page - NXP Semiconductors PCF85176 Datasheet HTML 10Page - NXP Semiconductors PCF85176 Datasheet HTML 11Page - NXP Semiconductors PCF85176 Datasheet HTML 12Page - NXP Semiconductors PCF85176 Datasheet HTML 13Page - NXP Semiconductors PCF85176 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
PCF85176_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 14 April 2010
10 of 43
NXP Semiconductors
PCF85176
Universal LCD driver for low multiplex rates
7.4.2 1:2 Multiplex drive mode
When two backplanes are provided in the LCD, the 1:2 multiplex mode applies. The
PCF85176 allows the use of 1
⁄
2 bias or
1
⁄
3 bias in this mode as shown in Figure 6 and
Figure 7.
Vstate1(t) = VSn(t) − VBP0(t).
Von(RMS) = 0.791VLCD.
Vstate2(t) = VSn(t) − VBP1(t).
Voff(RMS) = 0.354VLCD.
Fig 6.
Waveforms for the 1:2 multiplex drive mode with 1
⁄
2 bias
013aaa208
state 1
BP0
(a) Waveforms at driver.
(b) Resultant waveforms
at LCD segment.
LCD segments
state 2
BP1
state 2
state 1
VSS
VLCD
VLCD/2
VSS
VSS
VLCD
VLCD
VSS
VLCD
VLCD
VLCD
0 V
0 V
VLCD/2
VLCD/2
VLCD/2
−VLCD
−VLCD
−VLCD/2
−VLCD/2
Sn
Sn+1
Tfr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43