| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF85176 bảng dữ liệu(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85176 bảng dữ liệu(HTML) 39 Page - NXP Semiconductors |
|
39 / 43 page ![]() PCF85176_1 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 01 — 14 April 2010 39 of 43 NXP Semiconductors PCF85176 Universal LCD driver for low multiplex rates For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 16. Abbreviations MSL: Moisture Sensitivity Level Fig 27. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 22. Abbreviations Acronym Description CMOS Complementary Metal-Oxide Semiconductor CDM Charged Device Model DC Direct Current HBM Human Body Model I2C Inter-Integrated Circuit IC Integrated Circuit LCD Liquid Crystal Display LSB Least Significant Bit MM Machine Model MSB Most Significant Bit MSL Moisture Sensitivity Level PCB Printed-Circuit Board POR Power-On Reset RAM Random Access Memory RC Resistance and Capacitance RMS Root Mean Square SCL Serial Clock Line SDA Serial DAta Line SMD Surface-Mount Device |