công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC32MX795F512LT-80I/PF bảng dữ liệu(PDF) 114 Page - Microchip Technology

tên linh kiện PIC32MX795F512LT-80I/PF
Giải thích chi tiết về linh kiện  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF bảng dữ liệu(HTML) 114 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 110Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 111Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 112Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 113Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 114Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 115Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 116Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 117Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 256 page
background image
TABLE 4-47:
ETHERNET CONTROLLER REGISTER SUMMARY FOR PIC32MX664F064H, PIC32MX664F128H, PIC32MX664F064L,
PIC32MX664F128L, PIC32MX675F256H, PIC32MX675F512H, PIC32MX695F512H, PIC32MX775F256H, PIC32MX775F512H,
PIC32MX795F512H, PIC32MX695F512L, PIC32MX675F256L, PIC32MX675F512L, PIC32MX764F128H, PIC32MX764F128L,
PIC32MX775F256L, PIC32MX775F512L AND PIC32MX795F512L DEVICES(1)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
9000
ETHCON1
31:16
PTV<15:0>
0000
15:0
ON
FRZ
SIDL
—
—
—
TXRTS
RXEN
AUTOFC
—
—MANFC
—
—
—
BUFCDEC 0000
9010
ETHCON2
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
RXBUFSZ<6:0>
—
—
—
—
0000
9020
ETHTXST
31:16
TXSTADDR<31:16>
0000
15:0
TXSTADDR<15:2>
—
—
0000
9030
ETHRXST
31:16
RXSTADDR<31:16>
0000
15:0
RXSTADDR<15:2>
—
—
0000
9040
ETHHT0
31:16
HT<31:0>
0000
15:0
0000
9050
ETHHT1
31:16
HT<63:32>
0000
15:0
0000
9060
ETHPMM0
31:16
PMM<31:0>
0000
15:0
0000
9070
ETHPMM1
31:16
PMM<63:32>
0000
15:0
0000
9080
ETHPMCS
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
PMCS<15:0>
0000
9090
ETHPMO
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
PMO<15:0>
0000
90A0
ETHRXFC
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
HTEN
MPEN
—
NOTPM
PMMODE<3:0>
CRC
ERREN
CRC
OKEN
RUNT
ERREN
RUNTEN
UCEN
NOT
MEEN
MCEN
BCEN
0000
90B0 ETHRXWM
31:16
—
—
—
—
—
—
—
—RXFWM<7:0>
0000
15:0
—
—
—
—
—
—
—
—
RXEWM<7:0>
0000
90C0
ETHIEN
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
TX
BUSEIE
RX
BUSEIE
—
—
—
EW
MARKIE
FW
MARKIE
RX
DONEIE
PK
TPENDIE
RX
ACTIE
—
TX
DONEIE
TX
ABORTIE
RX
BUFNAIE
RX
OVFLWIE 0000
90D0
ETHIRQ
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
TXBUSE
RXBUSE
—
—
—
EWMARK
FWMARK
RXDONE
PKTPEND
RXACT
—
TXDONE
TXABORT
RXBUFNA
RXOVFLW 0000
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
All registers in this table (with the exception of ETHSTAT) have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and
INV Registers” for more information.
2:
Reset values default to the factory programmed value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More