| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC32MX795F512LT-80I/PF bảng dữ liệu(PDF) 70 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC32MX795F512LT-80I/PF bảng dữ liệu(HTML) 70 Page - Microchip Technology |
|
70 / 256 page ![]() 10D0 IPC4 31:16 — — — INT4IP<2:0> INT4IS<1:0> — — — OC4IP<2:0> OC4IS<1:0> 0000 15:0 — — — IC4IP<2:0> IC4IS<1:0> — — — T4IP<2:0> T4IS<1:0> 0000 10E0 IPC5 31:16 — — — SPI1IP<2:0> SPI1IS<1:0> — — — OC5IP<2:0> OC5IS<1:0> 0000 15:0 — — — IC5IP<2:0> IC5IS<1:0> — — — T5IP<2:0> T5IS<1:0> 0000 10F0 IPC6 31:16 — — — AD1IP<2:0> AD1IS<1:0> — — — CNIP<2:0> CNIS<1:0> 0000 — — — I2C1IP<2:0> I2C1IS<1:0> — — — U1IP<2:0> U1IS<1:0> 0000 15:0 SPI3IP<2:0> SPI3IS<1:0> I2C3IP<2:0> I2C3IS<1:0> 1100 IPC7 — — — U3IP<2:0> U3IS<1:0> — — — CMP2IP<2:0> CMP2IS<1:0> 0000 31:16 SPI2IP<2:0> SPI2IS<1:0> I2C4IP<2:0> I2C4IS<1:0> 15:0 — — — CMP1IP<2:0> CMP1IS<1:0> — — — PMPIP<2:0> PMPIS<1:0> 0000 1110 IPC8 31:16 — — — RTCCIP<2:0> RTCCIS<1:0> — — — FSCMIP<2:0> FSCMIS<1:0> 0000 — — — I2C2IP<2:0> I2C2IS<1:0> — — — U2IP<2:0> U2IS<1:0> 0000 15:0 SPI4IP<2:0> SPI4IS<1:0> I2C5IP<2:0> I2C5IS<1:0> 1120 IPC9 31:16 — — — DMA3IP<2:0> DMA3IS<1:0> — — — DMA2IP<2:0> DMA2IS<1:0> 0000 15:0 — — — DMA1IP<2:0> DMA1IS<1:0> — — — DMA0IP<2:0> DMA0IS<1:0> 0000 1130 IPC10 31:16 — — — DMA7IP<2:0>(2) DMA7IS<1:0>(2) — — — DMA6IP<2:0>(2) DMA6IS<1:0>(2) 0000 15:0 — — — DMA5IP<2:0>(2) DMA5IS<1:0>(2) — — — DMA4IP<2:0>(2) DMA4IS<1:0>(2) 0000 1140 IPC11 31:16 — — — — — — — — — — — CAN1IP<2:0> CAN1IS<1:0> 0000 15:0 — — — USBIP<2:0> USBIS<1:0> — — — FCEIP<2:0> FCEIS<1:0> 0000 1150 IPC12 31:16 — — — U5IP<2:0> U5IS<1:0> — — — U6IP<2:0> U6IS<1:0> 0000 15:0 — — — U4IP<2:0> U4IS<1:0> — — — — — — — — 0000 TABLE 4-5: INTERRUPT REGISTER MAP FOR PIC32MX534F064L, PIC32MX564F064L, PIC32MX564F128L PIC32MX575F512L AND PIC32MX575F256L DEVICES(1) (CONTINUED) Bits 31/15 30/14 29/13 28/12 27/11 26/10 25/9 24/8 23/7 22/6 21/5 20/4 19/3 18/2 17/1 16/0 Legend: x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. Note 1: Except where noted, all registers in this table have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more information. 2: These bits are not available on PIC32MX534/564 devices. 3: This register does not have associated CLR, SET, and INV registers. |