công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC32MX795F512LT-80I/PF bảng dữ liệu(PDF) 79 Page - Microchip Technology

tên linh kiện PIC32MX795F512LT-80I/PF
Giải thích chi tiết về linh kiện  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF bảng dữ liệu(HTML) 79 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 75Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 76Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 77Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 78Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 79Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 80Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 81Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 82Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 256 page
background image
5220
I2C5ADD
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
ADD<9:0>
0000
5230
I2C5MSK
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
MSK<9:0>
0000
5240
I2C5BRG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
Baud Rate Generator Register
0000
5250
I2C5TRN
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
Transmit Register
0000
5260
I2C5RCV
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
Receive Register
0000
5300
I2C1CON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
FRZ
SIDL
SCLREL
STRICT
A10M
DISSLW
SMEN
GCEN
STREN
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
1000
5310
I2C1STAT
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0 ACKSTAT
TRSTAT
—
—
—
BCL
GCSTAT
ADD10
IWCOL
I2COV
D/A
P
S
R/W
RBF
TBF
0000
5320
I2C3DD
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
ADD<9:0>
0000
5330
I2C1MSK
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
MSK<9:0>
0000
5340
I2C1BRG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
Baud Rate Generator Register
0000
5350
I2C1TRN
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
Transmit Register
0000
5360
I2C1RCV
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
Receive Register
0000
TABLE 4-11:
I2C1, I2C3, I2C4 AND I2C5 REGISTER MAP(1) (CONTINUED)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
All registers in this table except I2CxRCV have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers”
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More