công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC32MX795F512LT-80I/PF bảng dữ liệu(PDF) 107 Page - Microchip Technology

tên linh kiện PIC32MX795F512LT-80I/PF
Giải thích chi tiết về linh kiện  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF bảng dữ liệu(HTML) 107 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 103Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 104Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 105Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 106Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 107Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 108Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 109Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 110Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 256 page
background image
TABLE 4-44:
USB REGISTER MAP(1)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
5040
U1OTGIR(2)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
IDIF
T1MSECIF LSTATEIF
ACTVIF
SESVDIF SESENDIF
—
VBUSVDIF 0000
5050
U1OTGIE
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
IDIE
T1MSECIE LSTATEIE
ACTVIE
SESVDIE SESENDIE
—
VBUSVDIE 0000
5060 U1OTGSTAT(3)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—ID
—LSTATE
—
SESVD
SESEND
—
VBUSVD
0000
5070
U1OTGCON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
DPPULUP DMPULUP DPPULDWN DMPULDWN VBUSON
OTGEN
VBUSCHG
VBUSDIS
0000
5080
U1PWRC
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—UACTPND(4)
—
—
USLPGRD USBBUSY
—
USUSPEND USBPWR
0000
5200
U1IR(2)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
STALLIF
ATTACHIF RESUMEIF
IDLEIF
TRNIF
SOFIF
UERRIF
URSTIF
0000
DETACHIF 0000
5210
U1IE
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
STALLIE
ATTACHIE RESUMEIE
IDLEIE
TRNIE
SOFIE
UERRIE
URSTIE
0000
DETACHIE 0000
5220
U1EIR(2)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
BTSEF
BMXEF
DMAEF
BTOEF
DFN8EF
CRC16EF
CRC5EF
PIDEF
0000
EOFEF
0000
5230
U1EIE
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
BTSEE
BMXEE
DMAEE
BTOEE
DFN8EE CRC16EE
CRC5EE
PIDEE
0000
EOFEE
0000
5240
U1STAT(3)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
ENDPT<3:0>(4)
DIR
PPBI
—
—
0000
5250
U1CON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—JSTATE(4)
SE0(4)
PKTDIS
USBRST
HOSTEN
RESUME
PPBRST
USBEN
0000
TOKBUSY
SOFEN
0000
5260
U1ADDR
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
LSPDEN
DEVADDR<6:0>
0000
5270
U1BDTP1
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
BDTPTRL<7:1>
—
0000
5280
U1FRML(3)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
FRML<7:0>
0000
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
All registers in this table (except as noted) have corresponding CLR, SET and INV registers at its virtual address, plus an offset of 0x4, 0x8 and 0xC respectively. See Section 12.1.1 “CLR, SET and INV Registers” for
more information.
2:
This register does not have associated SET and INV registers.
3:
This register does not have associated CLR, SET and INV registers.
4:
Reset value for this bit is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More