công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EV8000 bảng dữ liệu(PDF) 18 Page - CML Microcircuits

tên linh kiện EV8000
Giải thích chi tiết về linh kiện  Evaluation Kit User
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CMLMICRO [CML Microcircuits]
Trang chủ  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8000 bảng dữ liệu(HTML) 18 Page - CML Microcircuits

Back Button EV8000 Datasheet HTML 14Page - CML Microcircuits EV8000 Datasheet HTML 15Page - CML Microcircuits EV8000 Datasheet HTML 16Page - CML Microcircuits EV8000 Datasheet HTML 17Page - CML Microcircuits EV8000 Datasheet HTML 18Page - CML Microcircuits EV8000 Datasheet HTML 19Page - CML Microcircuits EV8000 Datasheet HTML 20Page - CML Microcircuits EV8000 Datasheet HTML 21Page - CML Microcircuits EV8000 Datasheet HTML 22Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Evaluation Kit User Manual for FX828 and FX829
EV8000
© 2004 CML Microsystems Plc
18
UM8000/4
1.6.3.7 Toolbar Buttons
An ES8000 toolbar, containing five buttons, has been provided to give quick access to menu
commands. The toolbar is optional and can be turned on or off from the View menu. The
appearance of the buttons and their command descriptions are as follows:
Button
Command Description
Initialises the Com link to the
µC board
Notifies the software that the user will be resetting the
µC board. It
generates a pop-up window, asking the user to push the
µC board
reset switch. This pop-up disappears when the
µC board reset
switch (SW1) is pushed.
Performs a General Reset on the current C-BUS. All EV8000
devices and ES8000 active device forms on this C-BUS will be
reset.
Opens the Add Device pop-up window.
Opens the About ES8000 pop-up window which displays program
information and version number.
1.6.3.8 Viewing the Toolbar and Status Bar
The Toolbar and Status Bar can be removed from or inserted into the main window by clicking on
the View menu and then clicking on the required command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35