công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EV8000 bảng dữ liệu(PDF) 1 Page - CML Microcircuits

tên linh kiện EV8000
Giải thích chi tiết về linh kiện  Evaluation Kit User
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CMLMICRO [CML Microcircuits]
Trang chủ  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8000 bảng dữ liệu(HTML) 1 Page - CML Microcircuits

  EV8000 Datasheet HTML 1Page - CML Microcircuits EV8000 Datasheet HTML 2Page - CML Microcircuits EV8000 Datasheet HTML 3Page - CML Microcircuits EV8000 Datasheet HTML 4Page - CML Microcircuits EV8000 Datasheet HTML 5Page - CML Microcircuits EV8000 Datasheet HTML 6Page - CML Microcircuits EV8000 Datasheet HTML 7Page - CML Microcircuits EV8000 Datasheet HTML 8Page - CML Microcircuits EV8000 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
CML Microcircuits
COMMUNICATION SEMICONDUCTORS
EV8000
Evaluation Kit User
Manual
© 2004 CML Microsystems Plc
UM8000/4 October 2004
Provisional Issue
1.0
Features
•
For FX/MX828, 829 Product
Evaluation
•
Socketed Discrete Components
around Target Devices
•
UV-Erasable PIC
µC Board
•
User's Prototyping Area
•
On-Board Microphone
•
Loudspeaker Output
•
On-Board Regulator
•
Single Power Supply Operation
•
Easy Access to Test Points
•
Windows
TM Software Included
1.1
Brief Description
The EV8000 Evaluation Kit comprises two boards. The signalling processor board contains an
FX828 and an FX829. The signalling processor board is powered from a single 8 - 35V dc power
supply; an on-board regulator sets 3.3V or 5.0V operation. LEDs indicate the status of the FX829
carrier detect output and the FX828 comparator output. Both of these lines are available on the
same connectors as the C-BUS. The FX828 and FX829 may be driven from a common external
clock, or from a common crystal oscillator. The supply current of either target device may be
measured by removing the appropriate jumper. A user prototyping area is provided and important
signals can be monitored by test points. There is an on-board microphone and a loudspeaker
output.
C-BUS signals can be applied at either of two connectors (J1 or J2). The other can be used to
add future C-BUS evaluation kits in parallel with the EV8000. A third connector (J3) provides a
daisy chained C-BUS to enable a second EV8000 signalling processor board to be controlled
from the same PC. The signalling processor board can also be used with a user's own
µC board,
with appropriate software. Component footprints are provided in case the user requires level
shifting between the C-BUS input logic HI and the VDD level of the signalling processor board.
The µC board is fitted with a PIC µC containing the firmware to interface a PC serial port to the
signalling processor board C-BUS. The EV8000 is controlled by Windows
TM software on the PC.


Số phần tương tự - EV8000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
EV8004-QW-00A MPS-EV8004-QW-00A Datasheet
481Kb / 9P
13W 802.3af PoE Powered Device Interface with Flyback DC-DC Converter EV Board
EV8007-V-00A MPS-EV8007-V-00A Datasheet
511Kb / 10P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
EV8007-V-00C MPS-EV8007-V-00C Datasheet
513Kb / 9P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
EV8007-V-00D MPS-EV8007-V-00D Datasheet
465Kb / 9P
IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
More results

Mô tả tương tự - EV8000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CML Microcircuits
EV0171 CMLMICRO-EV0171 Datasheet
970Kb / 16P
Evaluation Kit User Manual
EV6020 CMLMICRO-EV6020 Datasheet
931Kb / 13P
Evaluation Kit User Manual
EV6040 CMLMICRO-EV6040 Datasheet
902Kb / 13P
Evaluation Kit User Manual
logo
List of Unclassifed Man...
EVAL-315-KH ETC2-EVAL-315-KH Datasheet
206Kb / 5P
KH SERIES BASIC EVALUATION KIT USER?셎 GUIDE
EVAL-315-KH2 ETC2-EVAL-315-KH2 Datasheet
291Kb / 5P
KH2 SERIES BASIC EVALUATION KIT USER?셎 GUIDE
EVAL-315-LC ETC2-EVAL-315-LC Datasheet
318Kb / 5P
LC SERIES BASIC EVALUATION KIT USER?셎 GUIDE
EVAL-315-LR ETC2-EVAL-315-LR Datasheet
298Kb / 5P
LR SERIES BASIC EVALUATION KIT USER?셎 GUIDE
EVAL-315-LT ETC2-EVAL-315-LT Datasheet
235Kb / 5P
LT SERIES BASIC EVALUATION KIT USER?셎 GUIDE
logo
Linx Technologies
EVAL-315-KH2 LINX-EVAL-315-KH2 Datasheet
285Kb / 5P
KH2 SERIES BASIC EVALUATION KIT USER?셎 GUIDE
logo
Teridian Semiconductor ...
73M1966B TERIDIAN-73M1966B_V01 Datasheet
345Kb / 18P
Evaluation Kit User Manual
March 19, 2009 Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com