| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IC-MPEVALMP1D bảng dữ liệu(PDF) 18 Page - IC-Haus GmbH |
|
|
|||||||||||||||||||||||||||||
IC-MPEVALMP1D bảng dữ liệu(HTML) 18 Page - IC-Haus GmbH |
|
18 / 22 page ![]() iC-MP 8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT Rev B1, Page 18/22 SLOW SCANNING MODE SLAVE 2 VDD SLI Hall Angle Encoder SLO PSMI VZAP XSS2 MP0 MA SLI SLAVE 3 PSMO SLI SLO MP0 SLAVE 2 VZAP Hall Angle Encoder SLOW SCANNING B PSMO Hall Angle Encoder MP0 VDD SLAVE 1 Hall Angle Encoder Hall Angle Encoder VZAP XSS3 2.2k NERR XSS3 SLO R1 SLI LAO GND NERR NERR MA LAO GND R1 2.2k MA MA PSMI LAO NERR VZAP SLAVE 3 LAO MP0 MP0 XSS1 XSS2 B PSMI PSMO SLO VDD PSMI SLAVE 1 GND XSS1 MP0 B Hall Angle Encoder Figure 18: Slow Scanning Mode In Slow Scanning Mode only one device is activated in a chain. This device transmits its absolute position on the SLO bus and the analog output voltage to the LAO bus. After an timeout at SLI, the next device is enabled (PSMO hi → lo). The devices needs some time after activation to find the actual position. Parameter CRCID can be used for improved differen- tiation of the individual data words. See ’PROGRAM- MING MODE’. The chain is reset by a logic high at the PSMI pin (see page 19). Application hints: See ’DESIGN REWIEW’. |