| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IC-MPEVALMP1D bảng dữ liệu(PDF) 16 Page - IC-Haus GmbH |
|
|
|||||||||||||||||||||||||||||
IC-MPEVALMP1D bảng dữ liệu(HTML) 16 Page - IC-Haus GmbH |
|
16 / 22 page ![]() iC-MP 8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT Rev B1, Page 16/22 FAST SCANNING MODE PSMO GND PSMO MA VZAP VZAP MA SLO XFS3 XFS1 XFS1 MP0 PSMI FAST SCANNING NERR PSMI B GND Hall Angle Encoder B R1 XFS2 Hall Angle Encoder MP0 SLI MP0 VDD 2.2k NERR NERR Hall Angle Encoder VZAP LAO SLAVE 3 2.2k 0 VZAP LAO(2:0) NERR MP0 XFS2 2 MA VDD 1 B LAO SLO LAO(2:0) Hall Angle Encoder SLO PSMO R1 SLI PSMI SLAVE 2 MP0 MA SLAVE 1 SLAVE 2 Hall Angle Encoder PSMI SLAVE 1 XFS3 VDD SLI GND Hall Angle Encoder SLAVE 3 LAO SLI SLO MP0 Figure 17: Fast Scanning Mode In Fast Scanning Mode all devices are active at the same time. With a start condition at MA the abso- lute position of all devices is latched and all absolute positions are transferred as one long data word (see page 17). Parameter CRCID can be used for improved differentiation of the individual data words. See ’PRO- GRAMMING MODE’. |