| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8377E bảng dữ liệu(PDF) 100 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8377E bảng dữ liệu(HTML) 100 Page - Freescale Semiconductor, Inc |
|
100 / 126 page ![]() MPC8377E PowerQUICC II Pro Processor Hardware Specifications, Rev. 4 100 Freescale Semiconductor Package and Pin Listings PCI Signals PCI_AD0 P26 I/O OVDD — PCI_AD1 N28 I/O OVDD — PCI_AD2 P29 I/O OVDD — PCI_AD3 P27 I/O OVDD — PCI_AD4 R26 I/O OVDD — PCI_AD5 R29 I/O OVDD — PCI_AD6 T24 I/O OVDD — PCI_AD7 T25 I/O OVDD — PCI_AD8 R27 I/O OVDD — PCI_AD9 P28 I/O OVDD — PCI_AD10 U25 I/O OVDD — PCI_AD11 R28 I/O OVDD — PCI_AD12 U26 I/O OVDD — PCI_AD13 U24 I/O OVDD — PCI_AD14 T29 I/O OVDD — PCI_AD15 V24 I/O OVDD — PCI_AD16 Y26 I/O OVDD — PCI_AD17 V28 I/O OVDD — PCI_AD18 AA25 I/O OVDD — PCI_AD19 AA26 I/O OVDD — PCI_AD20 W29 I/O OVDD — PCI_AD21 AA24 I/O OVDD — PCI_AD22 AA27 I/O OVDD — PCI_AD23 AC26 I/O OVDD — PCI_AD24 AB25 I/O OVDD — PCI_AD25 AB24 I/O OVDD — PCI_AD26 AA28 I/O OVDD — PCI_AD27 AA29 I/O OVDD — PCI_AD28 AC24 I/O OVDD — PCI_AD29 AC25 I/O OVDD — PCI_AD30 AB28 I/O OVDD — Table 72. TePBGA II Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |