| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST62E60CF1 bảng dữ liệu(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62E60CF1 bảng dữ liệu(HTML) 45 Page - STMicroelectronics |
|
45 / 83 page ![]() 45/83 ST6253C ST6263C ST6263B ST6260C ST6260B 4.3 AUTO-RELOAD TIMER The Auto-Reload Timer (AR Timer) on-chip pe- ripheral consists of an 8-bit timer/counter with compare and capture/reload capabilities and of a 7-bit prescaler with a clock multiplexer, enabling the clock input to be selected as fINT, fINT/3 or an external clock source. A Mode Control Register, ARMC, two Status Control Registers, ARSC0 and ARSC1, an output pin, ARTIMout, and an input pin, ARTIMin, allow the Auto-Reload Timer to be used in 4 modes: – Auto-reload (PWM generation), – Output compare and reload on external event (PLL), – Input capture and output compare for time meas- urement. – Input capture and output compare for period measurement. The AR Timer can be used to wake the MCU from WAIT mode either with an internal or with an exter- nal clock. It also can be used to wake the MCU from STOP mode, if used with an external clock signal connected to the ARTIMin pin. A Load reg- ister allows the program to read and write the counter on the fly. 4.3.1 AR Timer Description The AR COUNTER is an 8-bit up-counter incre- mented on the input clock’s rising edge. The coun- ter is loaded from the ReLoad/Capture Register, ARRC, for auto-reload or capture operations, as well as for initialization. Direct access to the AR counter is not possible; however, by reading or writing the ARLR load register, it is possible to read or write the counter’s contents on the fly. The AR Timer’s input clock can be either the inter- nal clock (from the Oscillator Divider), the internal clock divided by 3, or the clock signal connected to the ARTIMin pin. Selection between these clock sources is effected by suitably programming bits CC0-CC1 of the ARSC1 register. The output of the AR Multiplexer feeds the 7-bit programmable AR Prescaler, ARPSC, which selects one of the 8 available taps of the prescaler, as defined by PSC0-PSC2 in the AR Mode Control Register. Thus the division factor of the prescaler can be set to 2n (where n = 0, 1,..7). The clock input to the AR counter is enabled by the TEN (Timer Enable) bit in the ARMC register. When TEN is reset, the AR counter is stopped and the prescaler and counter contents are frozen. When TEN is set, the AR counter runs at the rate of the selected clock source. The counter is cleared on system reset. The AR counter may also be initialized by writing to the ARLR load register, which also causes an immediate copy of the value to be placed in the AR counter, regardless of whether the counter is run- ning or not. Initialization of the counter, by either method, will also clear the ARPSC register, where- upon counting will start from a known value. 4.3.2 Timer Operating Modes Four different operating modes are available for the AR Timer: Auto-reload Mode with PWM Generation. This mode allows a Pulse Width Modulated signal to be generated on the ARTIMout pin with minimum Core processing overhead. The free running 8-bit counter is fed by the pres- caler’s output, and is incremented on every rising edge of the clock signal. When a counter overflow occurs, the counter is automatically reloaded with the contents of the Re- load/Capture Register, ARCC, and ARTIMout is set. When the counter reaches the value con- tained in the compare register (ARCP), ARTIMout is reset. On overflow, the OVF flag of the ARSC0 register is set and an overflow interrupt request is generated if the overflow interrupt enable bit, OVIE, in the Mode Control Register (ARMC), is set. The OVF flag must be reset by the user software. When the counter reaches the compare value, the CPF flag of the ARSC0 register is set and a com- pare interrupt request is generated, if the Compare Interrupt enable bit, CPIE, in the Mode Control Register (ARMC), is set. The interrupt service rou- tine may then adjust the PWM period by loading a new value into ARCP. The CPF flag must be reset by user software. The PWM signal is generated on the ARTIMout pin (refer to the Block Diagram). The frequency of this signal is controlled by the prescaler setting and by the auto-reload value present in the Re- load/Capture register, ARRC. The duty cycle of the PWM signal is controlled by the Compare Reg- ister, ARCP. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |