công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 329 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 329 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 325Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 326Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 327Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 328Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 329Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 330Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 331Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 332Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 333Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 331
PIC16F/LF1825/1829
27.5
Timer Resources
To measure the change in frequency of the capacitive
sensing oscillator, a fixed time base is required. For the
period of the fixed time base, the capacitive sensing
oscillator is used to clock either Timer0 or Timer1. The
frequency of the capacitive sensing oscillator is equal
to the number of counts in the timer divided by the
period of the fixed time base.
27.6
Fixed Time Base
To measure the frequency of the capacitive sensing
oscillator, a fixed time base is required. Any timer
resource or software loop can be used to establish the
fixed time base. It is up to the end user to determine the
method in which the fixed time base is generated.
27.6.1
TIMER0
To select Timer0 as the timer resource for the CPS
module:
• Set the T0XCS bit of the CPSCON0 register.
• Clear the TMR0CS bit of the OPTION register.
When Timer0 is chosen as the timer resource, the
capacitive sensing oscillator will be the clock source for
Timer0. Refer to Section 20.0 “Timer0 Module” for
additional information.
27.6.2
TIMER1
To select Timer1 as the timer resource for the CPS
module, set the TMR1CS<1:0> of the T1CON register
to ‘11’. When Timer1 is chosen as the timer resource,
the capacitive sensing oscillator will be the clock
source for Timer1. Because the Timer1 module has a
gate control, developing a time base for the frequency
measurement can be simplified by using the Timer0
overflow flag.
It is recommend that the Timer0 overflow flag, in con-
junction with the Toggle mode of the Timer1 Gate, be
used to develop the fixed time base required by the
software portion of the CPS module. Refer to
Section 21.12 “Timer1 Gate Control Register” for
additional information.
TABLE 27-2:
TIMER1 ENABLE FUNCTION
27.7
Software Control
The software portion of the CPS module is required to
determine the change in frequency of the capacitive
sensing oscillator. This is accomplished by the
following:
• Setting a fixed time base to acquire counts on
Timer0 or Timer1.
• Establishing the nominal frequency for the
capacitive sensing oscillator.
• Establishing the reduced frequency for the
capacitive sensing oscillator due to an additional
capacitive load.
• Set the frequency threshold.
27.7.1
NOMINAL FREQUENCY
(NO CAPACITIVE LOAD)
To determine the nominal frequency of the capacitive
sensing oscillator:
• Remove any extra capacitive load on the selected
CPSx pin.
• At the start of the fixed time base, clear the timer
resource.
• At the end of the fixed time base save the value in
the timer resource.
The value of the timer resource is the number of
oscillations of the capacitive sensing oscillator for the
given time base. The frequency of the capacitive
sensing oscillator is equal to the number of counts on
in the timer divided by the period of the fixed time base.
27.7.2
REDUCED FREQUENCY
(ADDITIONAL CAPACITIVE LOAD)
The extra capacitive load will cause the frequency of the
capacitive sensing oscillator to decrease. To determine
the reduced frequency of the capacitive sensing
oscillator:
• Add a typical capacitive load on the selected
CPSx pin.
• Use the same fixed time base as the nominal
frequency measurement.
• At the start of the fixed time base, clear the timer
resource.
• At the end of the fixed time base save the value in
the timer resource.
The value of the timer resource is the number of oscil-
lations of the capacitive sensing oscillator with an addi-
tional capacitive load. The frequency of the capacitive
sensing oscillator is equal to the number of counts on
in the timer divided by the period of the fixed time base.
This frequency should be less than the value obtained
during the nominal frequency measurement.
Note:
The fixed time base can not be generated
by the timer resource that the capacitive
sensing oscillator is clocking.
TMR1ON
TMR1GE
Timer1 Operation
00
Off
01
Off
10
On
11
Count Enabled by input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com