công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 327 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 327 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 323Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 324Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 325Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 326Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 327Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 328Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 329Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 330Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 331Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 329
PIC16F/LF1825/1829
27.1
Analog MUX
The CPS module can monitor up to four inputs for the
PIC16F/LF1825 (CPSCH<7:0>) and up to eight inputs
for
the
PIC16F/LF1829
(CPSCH<11:0>).
See
Register 27-2 for details. The capacitive sensing inputs
are defined as CPS<11:0>, as applicable to device. To
determine if a frequency change has occurred the user
must:
• Select the appropriate CPS pin by setting the
CPSCH<3:0> bits of the CPSCON1 register.
• Set the corresponding ANSEL bit.
• Set the corresponding TRIS bit.
• Run the software algorithm.
The CPS module can monitor up to four inputs for the
PIC16F/LF1825 (CPSCH<7:0>) and up to eight inputs
for
the
PIC16F/LF1829
(CPSCH<11:0>).
See
Register 27-2 for details. The capacitive sensing inputs
are defined as CPS<11:0>, as applicable to device. To
determine if a frequency change has occurred the user
must:
• Select the appropriate CPS pin by setting the
appropriate CPSCH bits of the CPSCON1 register.
• Set the corresponding ANSEL bit.
• Set the corresponding TRIS bit.
• Run the software algorithm.
Selection of the CPSx pin while the module is enabled
will cause the capacitive sensing oscillator to be on the
CPSx pin. Failure to set the corresponding ANSEL and
TRIS bits can cause the capacitive sensing oscillator to
stop, leading to false frequency readings.
27.2
Capacitive Sensing Oscillator
The capacitive sensing oscillator consists of a constant
current source and a constant current sink, to produce
a triangle waveform. The CPSOUT bit of the
CPSCON0 register shows the status of the capacitive
sensing oscillator, whether it is a sinking or sourcing
current. The oscillator is designed to drive a capacitive
load (single PCB pad) and at the same time, be a clock
source to either Timer0 or Timer1. The oscillator has
three different current settings as defined by
CPSRNG<1:0> of the CPSCON0 register. The different
current settings for the oscillator serve two purposes:
• Maximize the number of counts in a timer for a
fixed time base.
• Maximize the count differential in the timer during
a change in frequency.
27.3
Voltage References
The capacitive sensing oscillator uses voltage refer-
ences to provide two voltage thresholds for oscillation.
The upper voltage threshold is referred to as Ref+ and
the lower voltage threshold is referred to as Ref-.
The user can elect to use fixed voltage references,
which are internal to the capacitive sensing oscillator,
or variable voltage references, which are supplied by
the Fixed Voltage Reference (FVR) module and the
Digital-to-Analog Converter (DAC) module.
When the fixed voltage references are used, the VSS
voltage determines the lower threshold level (Ref-) and
the VDD voltage determines the upper threshold level
(Ref+).
When the variable voltage references are used, the
DAC voltage determines the lower threshold level
(Ref-) and the FVR voltage determines the upper
threshold level (Ref+). An advantage of using these ref-
erence sources is that oscillation frequency remains
constant with changes in VDD.
Different oscillation frequencies can be obtained
through the use of these variable voltage references.
The more the upper voltage reference level is lowered
and the more the lower voltage reference level is
raised, the higher the capacitive sensing oscillator
frequency becomes.
Selection between the voltage references is controlled
by the CPSRM bit of the CPSCON0 register. Setting
this bit selects the variable voltage references and
clearing this bit selects the fixed voltage references.
Please see Section 14.0 “Fixed Voltage Reference
(FVR)” and Section 17.0 “Digital-to-Analog Converter
(DAC) Module” for more information on configuring the
variable voltage levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com