công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 328 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 328 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 324Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 325Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 326Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 327Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 328Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 329Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 330Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 331Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 332Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 330
Preliminary
 2010 Microchip Technology Inc.
27.4
Power Modes
The capacitive sensing oscillator can operate in one of
seven different power modes. The power modes are
separated into two ranges; the low range and the high
range.
When the oscillator’s low range is selected, the fixed
internal voltage references of the capacitive sensing
oscillator are being used. When the oscillator’s high
range is selected, the variable voltage references
supplied by the FVR and DAC modules are being used.
Selection between the voltage references is controlled
by the CPSRM bit of the CPSCON0 register. See
Section 27.3
“Voltage
References”
for
more
information.
Within each range there are three distinct Power modes;
low, medium and high. Current consumption is dependent
upon the range and mode selected. Selecting Power
modes within each range is accomplished by configuring
the CPSRNG <1:0> bits in the CPSCON0 register. See
Table 27-1 for proper Power mode selection.
The remaining mode is a Noise Detection mode that
resides within the high range. The Noise Detection
mode is unique in that it disables the sinking and sourc-
ing of current on the analog pin but leaves the rest of
the oscillator circuitry active. This reduces the oscilla-
tion frequency on the analog pin to zero and also
greatly reduces the current consumed by the oscillator
module.
When noise is introduced onto the pin, the oscillator is
driven at the frequency determined by the noise. This
produces a detectable signal at the comparator output,
indicating the presence of activity on the pin.
Figure 27-2 shows a more detailed drawing of the
current sources and comparators associated with the
oscillator.
TABLE 27-1:
POWER MODE SELECTION
CPSRM
Range
CPSRNG<1:0>
Mode
Nominal Current(1)
0
Low
00
Off
0.0
A
01
Low
0.1
A
10
Medium
1.2
A
11
High
18
A
1
High
00
Noise Detection
0.0
A
01
Low
9
A
10
Medium
30
A
11
High
100
A
Note 1:
See Section 30.0 “Electrical Specifications” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com