công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 332 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 332 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 328Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 329Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 330Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 331Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 332Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 333Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 334Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 335Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 336Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 334
Preliminary
 2010 Microchip Technology Inc.
TABLE 27-3:
SUMMARY OF REGISTERS ASSOCIATED WITH CAPACITIVE SENSING
REGISTER 27-2:
CPSCON1: CAPACITIVE SENSING CONTROL REGISTER 1
U-0
U-0
U-0
U-0
R/W-0/0(1)
R/W-0/0
R/W-0/0
R/W-0/0
—
—
—
—
CPSCH<3:2>
CPSCH<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
CPSCH<3:0>: Capacitive Sensing Channel Select bits
If CPSON = 0:
These bits are ignored. No channel is selected.
If CPSON = 1:
0000 = channel 0, (CPS0)
0001 = channel 1, (CPS1)
0010 = channel 2, (CPS2)
0011 = channel 3, (CPS3)
0100 = channel 4, (CPS4)
0101 = channel 5, (CPS5)
0110 = channel 6, (CPS6)
0111 = channel 7, (CPS7)
1000 = channel 8, (CPS4)(1)
1001 = channel 9, (CPS5)(1)
1010 = channel 10, (CPS6)(1)
1011 = channel 11, (CPS7)(1)
1100 = Reserved. Do not use.
•
•
•
1111 = Reserved. Do not use.
Note 1:
These channels are only implemented on the PIC16F/LF1829.
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Register on
Page
ANSELA
—
—
—
ANSA4
—
ANSA2
ANSA1
ANSA0
130
ANSELC
ANSC7(1)
ANSC6(1)
—
—
ANSC3
ANSC2
ANSC1
ANSC0
141
CPSCON0
CPSON
CPSRM
—
—
CPSRNG1
CPSRNG0
CPSOUT
T0XCS
333
CPSCON1
—
—
—
—
CPSCH3
CPSCH2
CPSCH1
CPSCH0
334
INLVLA
—
—
INLVLA5
INLVLA4
INLVLA3
INLVLA2
INLVLA1
INLVLA0
131
INLVLB(1)
INLVLB7
INLVLB6
INLVLB5
INLVLB4
—
—
—
—136
INLVLC
INLVLC7(1)
INLVLC6(1)
INLVLC5
INLVLC4
INLVLC3
INLVLC2
INLVLC1
INLVLC0
142
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
93
OPTION_REG
WPUEN
INTEDG
TMR0CS
TMR0SE
PSA
PS2
PS1
PS0
189
T1CON
TMR1CS1
TMR1CS0
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
—TMR1ON
199
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
129
TRISB(1)
TRISB7
TRISB6
TRISB5
TRISB4
—
—
—
—135
TRISC
TRISC7(1)
TRISC6(1)
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
140
Legend:
— = Unimplemented locations, read as ‘0’. Shaded cells are not used by the CPS module.
Note
1:
PIC16F/LF1829 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com