công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1829-E/ST bảng dữ liệu(PDF) 333 Page - Microchip Technology

tên linh kiện PIC16F1829-E/ST
Giải thích chi tiết về linh kiện  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-E/ST bảng dữ liệu(HTML) 333 Page - Microchip Technology

Back Button PIC16F1829-E/ST Datasheet HTML 329Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 330Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 331Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 332Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 333Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 334Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 335Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 336Page - Microchip Technology PIC16F1829-E/ST Datasheet HTML 337Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 335
PIC16F/LF1825/1829
28.0 IN-CIRCUIT SERIAL
PROGRAMMING™ (ICSP™)
ICSP™ programming allows customers to manufacture
circuit boards with unprogrammed devices. Programming
can be done after the assembly process allowing the
device to be programmed with the most recent firmware
or a custom firmware. Five pins are needed for ICSP™
programming:
• ICSPCLK
• ICSPDAT
•MCLR/VPP
•VDD
•VSS
In Program/Verify mode the Program Memory, User IDs
and the Configuration Words are programmed through
serial communications. The ICSPDAT pin is a bidirec-
tional I/O used for transferring the serial data and the
ICSPCLK pin is the clock input. For more information on
ICSP™ refer to the “PIC16F/LF182X/PIC12F/LF1822
Memory Programming Specification” (DS41403).
28.1
High-Voltage Programming Entry
Mode
The device is placed into High-Voltage Programming
Entry mode by holding the ICSPCLK and ICSPDAT
pins low then raising the voltage on MCLR/VPP to VIHH.
Some programmers produce VPP greater than VIHH
(9.0V), an external circuit is required to limit the VPP
voltage. See Figure 28-1 for example circuit.
FIGURE 28-1:
VPP LIMITER EXAMPLE CIRCUIT
VREF
VPP
VDD
VSS
ICSP_DATA
ICSP_CLOCK
NC
RJ11-6PIN
RJ11-6PIN
R1
270 Ohm
To MPLAB® ICD 2
To Target Board
1
2
3
4
5
61
2
3
4
5
6
R2
R3
10k 1%
24k 1%
U1
LM431BCMX
A
2
3
6
7
8
A
A
A
K
NC
NC
1
4
5
Note:
The MPLAB ICD 2 produces a VPP volt-
age greater than the maximum VPP spec-
ification of the PIC16F/LF1825/1829.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com