công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RH5RL37AC-RF bảng dữ liệu(PDF) 17 Page - RICOH electronics devices division

tên linh kiện RH5RL37AC-RF
Giải thích chi tiết về linh kiện  VOLTAGE REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICOH [RICOH electronics devices division]
Trang chủ  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5RL37AC-RF bảng dữ liệu(HTML) 17 Page - RICOH electronics devices division

Back Button RH5RL37AC-RF Datasheet HTML 10Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 11Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 12Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 13Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 14Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 15Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 16Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 17Page - RICOH electronics devices division RH5RL37AC-RF Datasheet HTML 18Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
R
×5RL
16
TYPICAL APPLICATION
In R
×5RL Series, a constant voltage can be obtained
without using Capacitors C1 and C2. However, when the
wire connected to Vin is long, use Capacitor C1. Output
noise can be reduced by using Capacitor C2.
Insert Capacitors C1 and C2 with the capacitance of
0.1µF to 2.0µF between Input/Output Pins and GND Pin
with minimum wiring.
As shown in the circuit diagram, a dual power sup-
ply circuit can be constructed by using two R
×5RL
Series.
This circuit diagram shows a dual power supply
circuit with an output of 3V and an output of 5V.
When the minimum output current of IC2 is larger
than ISS of IC1, Resistor R is unnecessary. Diode D is
a protection diode for the case where VOUT2 becomes
larger than VOUT1.
• VOLTAGE BOOST CIRCUIT
• DUAL POWER SUPPLY CIRCUIT
C2
C1
VIN
GND
GND
GND
R
×5RL
SERIES
VOUT
VOUT
VIN
+
+
C2
C1
VIN
GND
R
×5RL
SERIES
VOUT
VOUT
VIN
R1
R2
ISS
+
+
C1
C2
VIN
GND
GND
GND
R
×5RL20A
R
×5RL30A
VOUT
VOUT1
5V
VOUT2
3V
VIN
C3
GND
VOUT
VIN
R
ISS
IC1
IC2
D
+
+
+
The output voltage can be obtained by the follow-
ing formula :
VOUT=Vreg · (1+R2/R1) + ISS R · 2
Since the quiescent current of R
×5RE Series is so
small that the resistances of R1 and R2 can be set as
large as several hundreds k
Ω and therefore the sup-
ply current of “Voltage Boost Circuit” itself can be
reduced.
Furthermore, since R
×5RL Series are operated by
a constant voltage, the supply current of “Voltage
Boost Circuit” is not substantially affected by the
input voltage.
*1) Vreg : Set Output Voltage of R×5RL Series.
*1
APPLICATION CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com