công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F6490 bảng dữ liệu(PDF) 13 Page - Microchip Technology

tên linh kiện PIC18F6490
Giải thích chi tiết về linh kiện  64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6490 bảng dữ liệu(HTML) 13 Page - Microchip Technology

Back Button PIC18F6490 Datasheet HTML 9Page - Microchip Technology PIC18F6490 Datasheet HTML 10Page - Microchip Technology PIC18F6490 Datasheet HTML 11Page - Microchip Technology PIC18F6490 Datasheet HTML 12Page - Microchip Technology PIC18F6490 Datasheet HTML 13Page - Microchip Technology PIC18F6490 Datasheet HTML 14Page - Microchip Technology PIC18F6490 Datasheet HTML 15Page - Microchip Technology PIC18F6490 Datasheet HTML 16Page - Microchip Technology PIC18F6490 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 414 page
background image
© 2007 Microchip Technology Inc.
DS39629C-page 11
PIC18F6390/6490/8390/8490
FIGURE 1-2:
PIC18F8X90 (80-PIN) BLOCK DIAGRAM
Instruction
Decode and
Control
Data Latch
Data Memory
(3.9 Kbytes)
Address Latch
Data Address<12>
12
Access
BSR
FSR0
FSR1
FSR2
inc/dec
logic
Address
412
4
PCH PCL
PCLATH
8
31 Level Stack
Program Counter
PRODL
PRODH
8 x 8 Multiply
8
BITOP
8
8
ALU<8>
Address Latch
Program Memory
(48/64 Kbytes)
Data Latch
20
8
8
Table Pointer<21>
inc/dec logic
21
8
Data Bus<8>
Table Latch
8
IR
12
3
ROM Latch
PCLATU
PCU
Note 1:
CCP2 is multiplexed with RC1 when Configuration bit, CCP2MX, is set and RE7 when CCP2MX is not set.
2:
RG5 is only available when MCLR functionality is disabled.
3:
OSC1/CLKI and OSC2/CLKO are only available in select oscillator modes and when these pins are not being used as digital I/O.
Refer to Section 2.0 “Oscillator Configurations” for additional information.
EUSART1
Comparators
MSSP
Timer2
Timer1
Timer3
Timer0
HLVD
CCP1
BOR
ADC
10-Bit
W
Instruction Bus <16>
STKPTR
Bank
8
State Machine
Control Signals
Decode
8
8
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
OSC1(3)
OSC2(3)
VDD,
Brown-out
Reset
Internal
Oscillator
Fail-Safe
Clock Monitor
Precision
Reference
Band Gap
VSS
MCLR(2)
Block
INTRC
Oscillator
8 MHz
Oscillator
Single-Supply
Programming
In-Circuit
Debugger
T1OSI
T1OSO
AUSART2
CCP2
PORTH
RH7/SEG40:RH4/SEG43
RH3/SEG47:RH0/SEG44
LCD
Driver
PORTA
PORTB
PORTC
RA4/T0CKI/SEG14
RA5/AN4/HLVDIN/SEG15
RB0/INT0
RC0/T1OSO/T13CKI
RC1/T1OSI/CCP2(1)
RC2/CCP1/SEG13
RC3/SCK/SCL
RC4/SDI/SDA
RC5/SDO/SEG12
RC6/TX1/CK1
RC7/RX1/DT1
RA3/AN3/VREF+/SEG17
RA2/AN2/VREF-/SEG16
RA1/AN1
RA0/AN0
RB1/INT1/SEG8
RB2/INT2/SEG9
RB3/INT3/SEG10
PORTD
RD7/SEG7:RD0/SEG0
OSC2/CLKO(3)/RA6
RB4/KBI0/SEG11
RB5/KBI1
RB6/KBI2/PGC
RB7/KBI3/PGD
OSC1/CLKI(3)/RA7
PORTE
LCDBIAS1
LCDBIAS2
LCDBIAS3
COM0
RE4/COM1
RE5/COM2
RE6/COM3
RE7/CCP2(1)/SEG31
PORTF
RF0/AN5/SEG18
RF1/AN6/C2OUT/SEG19
RF2/AN7/C1OUT/SEG20
RF3/AN8/SEG21
RF4/AN9/SEG22
RF5/AN10/CVREF/SEG23
RF6/AN11/SEG24
RF7/SS/SEG25
PORTG
RG0/SEG30
RG1/TX2/CK2/SEG29
RG2/RX2/DT2/SEG28
RG3/SEG27
RG4/SEG26
MCLR/VPP/RG5(2)
PORTJ
RJ7/SEG36:RJ4/SEG39
RJ3/SEG35:RJ0/SEG32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com