công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F6490 bảng dữ liệu(PDF) 11 Page - Microchip Technology

tên linh kiện PIC18F6490
Giải thích chi tiết về linh kiện  64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6490 bảng dữ liệu(HTML) 11 Page - Microchip Technology

Back Button PIC18F6490 Datasheet HTML 7Page - Microchip Technology PIC18F6490 Datasheet HTML 8Page - Microchip Technology PIC18F6490 Datasheet HTML 9Page - Microchip Technology PIC18F6490 Datasheet HTML 10Page - Microchip Technology PIC18F6490 Datasheet HTML 11Page - Microchip Technology PIC18F6490 Datasheet HTML 12Page - Microchip Technology PIC18F6490 Datasheet HTML 13Page - Microchip Technology PIC18F6490 Datasheet HTML 14Page - Microchip Technology PIC18F6490 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 414 page
background image
© 2007 Microchip Technology Inc.
DS39629C-page 9
PIC18F6390/6490/8390/8490
TABLE 1-1:
DEVICE FEATURES
Features
PIC18F6390
PIC18F6490
PIC18F8390
PIC18F8490
Operating Frequency
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
Program Memory (Bytes)
8K
16K
8K
16K
Program Memory (Instructions)
4096
8192
4096
8192
Data Memory (Bytes)
768
768
768
768
Interrupt Sources
22
22
22
22
I/O Ports
Ports A, B, C, D, E,
F, G
Ports A, B, C, D, E,
F, G
Ports A, B, C, D, E,
F, G, H, J
Ports A, B, C, D, E,
F, G, H, J
Number of Pixels the LCD Driver
can Drive
128 (32 SEGs x
4 COMs)
128 (32 SEGs x
4 COMs)
192 (48 SEGs x
4 COMs)
192 (48 SEGs x
4 COMs)
Timers
44
44
Capture/Compare/PWM Modules
2
2
2
2
Serial Communications
MSSP, AUSART
Enhanced USART
MSSP, AUSART
Enhanced USART
MSSP, AUSART
Enhanced USART
MSSP, AUSART
Enhanced USART
10-Bit Analog-to-Digital Module
12 Input Channels 12 Input Channels 12 Input Channels 12 Input Channels
Resets (and Delays)
POR, BOR,
RESET Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR,
RESET Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR,
RESET Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR,
RESET Instruction,
Stack Full,
Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
Programmable Low-Voltage Detect
Yes
Yes
Yes
Yes
Programmable Brown-out Reset
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions;
83 with Extended
Instruction Set
Enabled
75 Instructions;
83 with Extended
Instruction Set
Enabled
75 Instructions;
83 with Extended
Instruction Set
Enabled
75 Instructions;
83 with Extended
Instruction Set
Enabled
Packages
64-Pin TQFP
64-Pin TQFP
80-Pin TQFP
80-Pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com